Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 13Page - Analog Devices ADF5902 Datasheet HTML 14Page - Analog Devices ADF5902 Datasheet HTML 15Page - Analog Devices ADF5902 Datasheet HTML 16Page - Analog Devices ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 17 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
1
1
11
1
1
11
CONTROL
BITS
1
1
1
1
0
1
1
1
1
1
1
C4(0) C3(0) C2(0) C1(1)
Tx AMP CAL REF CODE
C5(0)
TAR7 TAR6 TAR5 TAR4 TAR3 TAR2 TAR1 TAR0
TAR7 TAR6
.......... TAR1 TAR0
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
252
1
1
..........
0
1
253
1
1
..........
1
0
254
1
1
.........
1
1
255
Tx AMP CAL REF CODE
RESERVED
Figure 25. Register 1 (R1)
REGISTER 1
Control Bits
With Bits[C5:C1] set to 00001, Register R1 is programmed.
Figure 25 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB13] are reserved and must be set as shown in
Figure 25.
Transmitter Amplitude Calibration Reference Code
Bits[DB12:DB5] set the transmitter amplitude calibration
reference code for the two transmitter outputs during
calibration. Calibrate the output power on the transmitter
outputs from −20 dBm to 8 dBm by setting the transmitter
amplitude calibration reference code (see Figure 7).
Bits[DB12:DB5] are shown as Tx AMP CAL REF CODE
in Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com