Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 16Page - Analog Devices ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices ADF5902 Datasheet HTML 22Page - Analog Devices ADF5902 Datasheet HTML 23Page - Analog Devices ADF5902 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 20 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7
DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
0
0
0
0
0
0
0
AB9 AB8
AB7 AB6 AB5 AB4 AB3 AB2 AB1 AB0
C4(0) C3(1) C2(0) C1(0)
CONTROL
BITS
RESERVED
0
0
0
0
AB14 AB13 AB12 AB11 AB10
RAMP STATUS/ANALOG TEST BUS
C5(0)
AB3 AB2 AB1 AB0
00
0
0
00
0
0
ANALOG TEST BUS
AB7 AB6 AB5 AB4
00
0
0
11
0
0
AB9 AB8
00
00
NONE
RAMP COMPLETE TO MUXOUT
00
0
00
0
00
00
00
0
0
00
1
1
00
0
0
00
0
0
01
01
RAMP DOWN TO MUXOUT
TEMPERATURE SENSOR TO ATEST
00
0
00
1
00
00
00
1
1
00
0
0
01
TEMPERATURE SENSOR TO ADC
10
0x0503
0x0100
0x00C0
0x0903
0x0000
AB11 AB10
AB12
AB13
AB14
0
0
0
Figure 28. Register 4 (R4)
REGISTER 4
Control Bits
With Bits[C5:C1] set to 00100, Register R4 is programmed.
Figure 28 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB20] are reserved and must be set as shown in
Figure 28.
Ramp Status/Analog Test Bus
Bits[DB19:DB5] control the analog test bus and the ramp status
to MUXOUT (see Figure 28).
The analog test bus allows access to internal test signals for the
temperature sensor which can be connected to the ATEST pin
or the internal ADC.
Setting Bits DB[19:5] to 0 (no value) sets the ATEST pin to high
impedance.
For ramp status outputs on MUXOUT, the MUXOUT bits in
Register R3 (Bits[DB15:DB12]) must be set to 1111 to access
these modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com