Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 14Page - Analog Devices ADF5902 Datasheet HTML 15Page - Analog Devices ADF5902 Datasheet HTML 16Page - Analog Devices ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices ADF5902 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 18 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
00
0
0
0
0
0
00
CONTROL
BITS
0
0
0
0
0
1
0
AS
AA0 AA0
AC7
AC6
AC5 AC4 AC3 AC2 AC1 AC0
C4(0) C3(0) C2(1) C1(0)
RESERVED
ADC CLOCK DIVIDER
ADC
AVERAGE
C5(0)
AC7
AC6
AC1
AC0
ADC CLOCK DIVIDER
00
01
1
00
10
2
..
..
.
..
..
.
..
..
.
11
00
124
11
01
125
11
10
126
11
11
127
.
.
.
.
.
.
.
.
.
.
AS
0
1
ADC START
START ADC CONVERSION
NORMAL OPERATION
AA1
AA0
ADC AVERAGE
00
1
01
2
10
3
11
4
Figure 26. Register 2 (R2)
REGISTER 2
Control Bits
With Bits[C5:C1] set to 00010, Register R2 is programmed.
Figure 26 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB16] are reserved and must be set as shown in
Figure 26.
ADC Start
Bit DB15 starts the ADC conversion. Setting this bit to 1 starts
an ADC conversion.
ADC Average
Bits[DB14:DB13] program the ADC average, which is the
number of averages of the ADC output (see Figure 26).
ADC Clock Divider
Bits[DB12:DB5] program the clock divider, which is used as the
sampling clock for the ADC (see Figure 26). The output of the
R divider block clocks the ADC clock divider. Program a
divider value to ensure the ADC sampling clock is 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com