Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5902 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 24Page - Analog Devices ADF5902 Datasheet HTML 25Page - Analog Devices ADF5902 Datasheet HTML 26Page - Analog Devices ADF5902 Datasheet HTML 27Page - Analog Devices ADF5902 Datasheet HTML 28Page - Analog Devices ADF5902 Datasheet HTML 29Page - Analog Devices ADF5902 Datasheet HTML 30Page - Analog Devices ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADF5902
Data Sheet
Rev. 0 | Page 28 of 39
DB31 DB30
DB27
DB28
DB29
DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
TDI
TRC
DS1
DS0
DO3
CONTROL
BITS
DO2
DO1
DO0 DW15 DW14 DW13 DW12 DW11 DW10 DW9 DW8 DW7 DW6 DW5 DW4 DW3 DW2 DW1 DW0
C4(1) C3(1) C2(1) C1(0)
C5(0)
DEVIATION WORD
DEVIATION OFFSET
DEVIATION
SEL
DW14
DW15
...
...
...
...
...
...
...
...
...
...
...
...
DW1 DW0
DEVIATION WORD
00
0
0
0
00
0
1
1
00
1
0
2
00
1
1
3
11
1
1
–1
11
1
0
–2
11
0
1
–
1
0
0
0
–32,768
01
1
1
32,767
..
.
.
.
..
.
.
.
DO3 DO3 DO1 DO0
DEV OFFSET
00
00
0
00
01
1
00
10
2
.
...
.
.
...
.
11
01
7
1
1
1
00
00
08
9
00
01
10
11
LOAD DEVIATION 0
LOAD DEVIATION 1
LOAD DEVIATION 2
LOAD DEVIATION 3
DEVIATION SEL
DS1
DS0
RESERVED
0
00
0
DISABLED
1
ENABLED
TRC
0CLK DIV
1
TDI Tx_DATA INV
TX RAMP CLK
Tx_DATA PIN
3
Figure 39. Register 14 (R14)
REGISTER 14
Control Bits
With Bits[C5:C1] set to 01110, Register R14 is programmed.
Figure 39 shows the input data format for programming this
register.
Reserved
Bits[DB29:DB27] are reserved and must be set as shown in
Figure 39.
TX_DATA Invert
When Bit DB31 is set to 0, events triggered by TX_DATA occur
on the rising edge of the TX_DATA pulse. When Bit DB31 is set
to 1, events triggered by TX_DATA occur on the falling edge of
the TX_DATA pulse.
TX_DATA Ramp Clock
When Bit DB30 is set to 0, the clock divider clock is used to
clock the ramp. When Bit DB30 is set to 1, the TX_DATA pin
is used to clock the ramp.
Deviation Select
Bits[DB26:DB25] select the deviation word to be loaded (see
Figure 39).
4-Bit Deviation Offset Word
Bits DB[24:21] determine the deviation offset word. The
deviation offset word affects the deviation resolution (see the
Ramp and Modulation section).
16-Bit Deviation Word
Bits[DB20:DB5] determine the signed deviation word in twos
complement format. The deviation word defines the deviation
step (see the Ramp and Modulation section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com