Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 41Page - STMicroelectronics STM32WB55CC Datasheet HTML 42Page - STMicroelectronics STM32WB55CC Datasheet HTML 43Page - STMicroelectronics STM32WB55CC Datasheet HTML 44Page - STMicroelectronics STM32WB55CC Datasheet HTML 45Page - STMicroelectronics STM32WB55CC Datasheet HTML 46Page - STMicroelectronics STM32WB55CC Datasheet HTML 47Page - STMicroelectronics STM32WB55CC Datasheet HTML 48Page - STMicroelectronics STM32WB55CC Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 165 page
background image
DS11929 Rev 3
45/165
STM32WB55xx
Functional overview
69
3.18
Liquid crystal display controller (LCD)
All device embed an LCD controller with the following characteristics:
•
Highly flexible frame rate control.
•
Supports Static, 1/2, 1/3, 1/4 and 1/8 duty.
•
Supports Static, 1/2, 1/3 and 1/4 bias.
•
Double buffered memory allows data in LCD_RAM registers to be updated at any time
by the application firmware without affecting the integrity of the data displayed.
–
LCD data RAM of up to 16 x 32-bit registers which contain pixel information
(active/inactive)
•
Software selectable LCD output voltage (contrast) from VLCDmin to VLCDmax.
•
No need for external analog components:
–
A step-up converter is embedded to generate an internal VLCD voltage higher
than VDD (up to 3.6 V if VDD > 2.0 V)
–
Software selection between external and internal VLCD voltage source. In case of
an external source, the internal boost circuit is disabled to reduce power
consumption
–
A resistive network is embedded to generate intermediate VLCD voltages
–
The structure of the resistive network is configurable by software to adapt the
power consumption to match the capacitive charge required by the LCD panel
–
Integrated voltage output buffers for higher LCD driving capability.
•
The contrast can be adjusted using two different methods:
–
When using the internal step-up converter, the software can adjust VLCD between
VLCDmin and VLCDmax
–
Programmable dead time (up to eight phase periods) between frames.
•
Full support of low-power modes: the LCD controller can be displayed in Sleep,
Low-power run, Low-power sleep and Stop modes, or can be fully disabled to reduce
power consumption.
•
Built in phase inversion for reduced power consumption and EMI (electromagnetic
interference).
•
Start of frame interrupt to synchronize the software when updating the LCD data RAM.
•
Blink capability:
–
1, 2, 3, 4, 8 or all pixels can be programmed to blink at a configurable frequency
–
Software adjustable blink frequency to achieve around 0.5 Hz, 1 Hz, 2 Hz or 4 Hz.
Used LCD segment and common pins should be configured as GPIO alternate functions
and unused segment and common pins can be used for general purpose I/O or for another
peripheral alternate function.
Note:
When the LCD relies on the internal step-up converter, the VLCD pin should be connected
to VSS with a capacitor. Its typical value is 1 μF.
3.19
True random number generator (RNG)
All devices embed a true RNG that delivers 32-bit random numbers generated by an
integrated analog circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com