Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 83Page - STMicroelectronics STM32WB55CC Datasheet HTML 84Page - STMicroelectronics STM32WB55CC Datasheet HTML 85Page - STMicroelectronics STM32WB55CC Datasheet HTML 86Page - STMicroelectronics STM32WB55CC Datasheet HTML 87Page - STMicroelectronics STM32WB55CC Datasheet HTML 88Page - STMicroelectronics STM32WB55CC Datasheet HTML 89Page - STMicroelectronics STM32WB55CC Datasheet HTML 90Page - STMicroelectronics STM32WB55CC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 165 page
background image
Table 35. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART enable (Cache ON Prefetch OFF), VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSI16 up to
16 MHz included,
fHCLK = fHSE = 32 MHz
fHSI16 + PLL ON
above 32 MHz
All peripherals
disabled
Range 2
16 MHz
1.90
1.90
2.00
2.20
2.55
TBD
TBD
TBD
TBD
TBD
mA
2 MHz
0.960
0.985
1.10
1.25
1.60
TBD
TBD
TBD
TBD
TBD
Range 1
64 MHz
8.15
8.25
8.40
8.60
9.00
TBD
TBD
TBD
TBD
TBD
32 MHz
4.20
4.25
4.40
4.65
5.05
TBD
TBD
TBD
TBD
TBD
16 MHz
2.25
2.30
2.40
2.65
3.00
TBD
TBD
TBD
TBD
TBD
SMPS
Range 1
64 MHz
5.00
5.00
5.10
5.20
5.35
TBD
TBD
TBD
TBD
TBD
32 MHz
3.15
3.15
3.25
3.35
3.50
TBD
TBD
TBD
TBD
TBD
16 MHz
2.30
2.30
2.35
2.45
2.60
TBD
TBD
TBD
TBD
TBD
IDD(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
All peripherals disabled
2 MHz
0.335
0.360 0.470
0.670
1.05
TBD
TBD
TBD
TBD
TBD
1 MHz
0.170
0.210 0.325
0.520
0.890
TBD
TBD
TBD
TBD
TBD
400 kHz 0.0815 0.120 0.230
0.425
0.795
TBD
TBD
TBD
TBD
TBD
100 kHz 0.0415 0.076 0.190
0.385
0.755
TBD
TBD
TBD
TBD
TBD
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com