Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 88Page - STMicroelectronics STM32WB55CC Datasheet HTML 89Page - STMicroelectronics STM32WB55CC Datasheet HTML 90Page - STMicroelectronics STM32WB55CC Datasheet HTML 91Page - STMicroelectronics STM32WB55CC Datasheet HTML 92Page - STMicroelectronics STM32WB55CC Datasheet HTML 93Page - STMicroelectronics STM32WB55CC Datasheet HTML 94Page - STMicroelectronics STM32WB55CC Datasheet HTML 95Page - STMicroelectronics STM32WB55CC Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
Table 41. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C
IDD
(Stop 2)
Supply current
in Stop 2
mode, RTC
disabled
BLE enabled
LCD disabled
1.8 V 1.60 2.45
3.80
6.60
22.5
51.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
µA
2.4 V 1.75 2.50
3.85
6.70
22.5
52.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 1.70 2.55
3.95
6.80
23.0
52.5
115
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.85 2.65
4.10
7.00
23.5
54.0
115
TBD TBD
TBD
TBD
TBD
TBD
TBD
LCD disabled
BLE disabled
1.8 V 1.00 1.85
3.15
5.95
21.5
50.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 1.10 1.85
3.20
6.00
22.0
51.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 1.10 1.85
3.25
6.10
22.0
52.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.15 1.95
3.35
6.25
23.0
53.0
115
TBD TBD
TBD
TBD
TBD
TBD
TBD
LCD enabled(2)
and clocked
by LSI
BLE disabled
1.8 V 1.20 2.00
3.35
6.10
22.0
50.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 1.20 2.00
3.40
6.20
22.0
51.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 1.25 2.10
3.45
6.30
22.5
52.0
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.30 2.15
3.60
6.55
23.0
53.5
115
TBD TBD
TBD
TBD
TBD
TBD
TBD
IDD
(Stop 2
with
RTC)
Supply current
in Stop 2
mode, RTC
enabled, BLE
disabled
RTC clocked
by LSI,
LCD disabled
1.8 V 1.30 2.10
3.45
6.25
22.0
50.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 1.45 2.25
3.55
6.40
22.5
51.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 1.50 2.30
3.70
6.55
22.5
52.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.75 2.50
3.95
6.85
23.5
53.5
115
TBD TBD
TBD
TBD
TBD
TBD
TBD
RTC clocked
by LSI,
LCD enabled(2)
1.8 V 1.35 2.20
3.55
6.30
22.0
50.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 1.50 2.35
3.65
6.50
22.5
51.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 1.70 2.45
3.85
6.65
23.0
52.5
110
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.80 2.60
4.05
6.95
23.5
54.0
115
TBD TBD
TBD
TBD
TBD
TBD
TBD
RTC clocked by
LSE quartz(3)
in low drive
mode
1.8 V 1.35 2.20
3.50
6.25
22.0
50.5
-
TBD TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 1.45 2.25
3.65
6.40
22.5
51.5
-
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 1.55 2.45
3.80
6.65
23.0
52.5
-
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.70 2.55
4.05
6.95
23.5
54.0
-
TBD TBD
TBD
TBD
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com