Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 31Page - STMicroelectronics STM32WB55CC Datasheet HTML 32Page - STMicroelectronics STM32WB55CC Datasheet HTML 33Page - STMicroelectronics STM32WB55CC Datasheet HTML 34Page - STMicroelectronics STM32WB55CC Datasheet HTML 35Page - STMicroelectronics STM32WB55CC Datasheet HTML 36Page - STMicroelectronics STM32WB55CC Datasheet HTML 37Page - STMicroelectronics STM32WB55CC Datasheet HTML 38Page - STMicroelectronics STM32WB55CC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 165 page
background image
Stop 2
LPR
No
OFF
ON
LSE,
LSI
RF, BOR, PVD, PVM
RTC, LCD, IWDG
COMPx (x=1, 2)
USART1(13)
LPUART1(13)
I2C3(10)
LPTIM1
All other peripherals are frozen.
Reset pin, all I/Os
RF, BOR, PVD, PVM
RTC, LCD, IWDG
COMPx (x=1, 2)
LPUART1
I2C3
LPTIM1
1.85 µA w/o RTC
2.1 µA w RTC
5.55 µs
Standby
LPR
No
OFF
SRAM2a
ON(11)
LSE,
LSI
RF, BOR, RTC, IWDG
All other peripherals are
powered off.
I/O configuration can be floating,
pull-up or pull-down
RF, Reset pin
5 I/Os (WKUPx)(12)
BOR, RTC, IWDG
0.32 µA w/o RTC
0.6 µA w RTC
TBD
OFF
OFF
TBD µA w/o RTC
TBD µA w RTC
Shutdown
OFF
No
OFF
OFF
LSE
RTC
All other peripherals are
powered off.
I/O configuration can be floating,
pull-up or pull-down(13)
5 I/Os (WKUPx)(12),
RTC
0.028 µA w/o RTC
0.315 µA w/ RTC
TBD
1. Typical current at VDD = 1.8 V, 25 °C. for STOPx, SHUTDOWN and Standby, else VDD = 3.3 V, 25 °C.
2. Add TBD μs when using SMPS, except Sleep, LPSleep and Stop 0 where the SMPS is not stopped.
3. The Flash memory controller can be placed in power-down mode if the RF subsystem is not in use and all the program is run from the SRAM.
4. Flash memory programming is only possible in Range 2 voltage.
5. Bluetooth® Low Energy not possible in this mode.
6. The SRAM1 and SRAM2 clocks can be gated off independently.
7. HSE (32 MHz) automatically used when RF activity is needed by the RF subsystem.
8. HSI16 (16 MHz) automatically used by some peripherals.
9. U(S)ART and LPUART reception is functional in Stop mode, and generates a wakeup interrupt on Start, Address match or Received frame event.
10. I2C address detection is functional in Stop mode, and generates a wakeup interrupt in case of address match.
11. SRAM1 and SRAM2b are OFF.
12. The I/Os with wakeup from Standby/Shutdown capability are: PA0, PC13, PC12, PA2, PC5.
13. I/Os can be configured with internal pull-up, pull-down or floating but the configuration is lost immediately when exiting the Shutdown mode.
Table 8. STM32WB55xx modes overview (continued)
Mode
Regulator
CPU1
Flash
SRAM
Clocks
DMA and Peripherals
Wakeup source
Consumption(1)
Wakeup time(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com