Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 20Page - STMicroelectronics STM32WB55CC Datasheet HTML 21Page - STMicroelectronics STM32WB55CC Datasheet HTML 22Page - STMicroelectronics STM32WB55CC Datasheet HTML 23Page - STMicroelectronics STM32WB55CC Datasheet HTML 24Page - STMicroelectronics STM32WB55CC Datasheet HTML 25Page - STMicroelectronics STM32WB55CC Datasheet HTML 26Page - STMicroelectronics STM32WB55CC Datasheet HTML 27Page - STMicroelectronics STM32WB55CC Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 165 page
background image
Functional overview
STM32WB55xx
24/165
DS11929 Rev 3
Figure 3. STM32WB55xx external components for the RF part
3.7
Power supply management
3.7.1
Power supply distribution
The device integrate an SMPS step-down converter to improve low power performance
when the VDD voltage is high enough. This converter has an intelligent mode that
automatically enters in bypass mode when the VDD voltage falls below a specific BORx
(x = 1, 2, 3 or 4) voltage.
By default, at Reset the SMPS is in bypass mode.
The device can be operated without the SMPS by just wiring its output to VDD. This is the
case for applications where the voltage is low, or where the power consumption is not
critical.
Table 5. Typical external components
Component
Description
Value
C1
Decoupling capacitance for RF
100 nf // 100 pF
X1
32 MHz crystal(1)
1. e.g. NDK refernce: NX2016SA 32 MHz EXS00A-CS06654.
32 MHz
Antenna filter
Antenna filter and matching network
Refer to AN5165
Antenna
2.4 GHz band antenna
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com