Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 18Page - STMicroelectronics STM32WB55CC Datasheet HTML 19Page - STMicroelectronics STM32WB55CC Datasheet HTML 20Page - STMicroelectronics STM32WB55CC Datasheet HTML 21Page - STMicroelectronics STM32WB55CC Datasheet HTML 22Page - STMicroelectronics STM32WB55CC Datasheet HTML 23Page - STMicroelectronics STM32WB55CC Datasheet HTML 24Page - STMicroelectronics STM32WB55CC Datasheet HTML 25Page - STMicroelectronics STM32WB55CC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 165 page
background image
Functional overview
STM32WB55xx
22/165
DS11929 Rev 3
In addition, according to Bluetooth® specification v5.0, the BLE block provides:
•
Multiple roles simultaneously support
•
Master/slave and multiple roles simultaneously
•
LE Data Packet Length Extension (making it possible to reach 800 kbps at application
level)
•
LE Privacy 1.2
•
LE Secure Connections
•
Flexible Internet Connectivity Options
•
High data rate (2 Mbps)
The device allows the applications to meet the tight peak current requirements imposed by
the use of standard coin cell batteries. When the high efficiency embedded SMPS step-
down converter is used, the RF front end consumption (Itmax) is only 8.1 mA at the highest
output power (+6 dBm).
The power efficiency of the subsystem is optimized: while running with the radio and the
applicative cores simultaneously using the SMPS, the Cortex®-M4 core consumption
reaches 53 µA / MHz in active mode.
Ultra-low-power sleep modes and very short transition time between operating modes result
in very low average current consumption during real operating conditions, resulting in longer
battery life.
The BLE block integrates a full bandpass balun, thus reducing the need for external
components.
The link between the Cortex®-M4 application processor (CPU1) running the application, and
the BLE stack running on the dedicated Cortex®-M0+ (CPU2) is performed through a
normalized API, using a dedicated Inter Processor Communication Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com