Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 72Page - STMicroelectronics STM32WB55CC Datasheet HTML 73Page - STMicroelectronics STM32WB55CC Datasheet HTML 74Page - STMicroelectronics STM32WB55CC Datasheet HTML 75Page - STMicroelectronics STM32WB55CC Datasheet HTML 76Page - STMicroelectronics STM32WB55CC Datasheet HTML 77Page - STMicroelectronics STM32WB55CC Datasheet HTML 78Page - STMicroelectronics STM32WB55CC Datasheet HTML 79Page - STMicroelectronics STM32WB55CC Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 165 page
background image
Electrical characteristics
STM32WB55xx
76/165
DS11929 Rev 3
Table 24. RF transmitter BLE characteristics (1 Mbps)(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Prf
Maximum output power
SMPS Bypass (or ON
(VFBSMPS = 1.7 V) and
VDD > 1.95 V)
-6.0
-
dBm
SMPS Bypass (or ON
(VFBSMPS = 1.4 V) and
VDD > 1.71 V), Code 29
-3.7
-
0 dBm output power
--
0
-
Minimum output power
--
-20
-
Pband
Output power variation over the band Tx = 0 dBm - Typical
-0.5
-
0.4
dB
BW20dB
20 dB signal bandwidth
--
670
-
KHz
IBSE
In band spurious emission
2 MHz
Bluetooth® Low Energy:-20 dBm
-
-58
-
dBm
≥ 3 MHz
Bluetooth® Low Energy: -30 dBm
-
-61
-
fd
Frequency drift
Bluetooth® Low Energy: ±50 kHz
-
-12
-
KHz
maxdr
Maximum drift rate
Bluetooth® Low Energy:
±20 KHz / 50 µs
-2-
KHz/
50 µs
fo
Frequency offset
Bluetooth® Low Energy:
±150 kHz
-8-
KHz
∆f1
Frequency deviation average
Bluetooth® Low Energy:
between 225 and 275 kHz
-246
-
∆f2
99.9%
Frequency deviation
Bluetooth® Low Energy:> 185 kHz
-
203
-
∆fa
Frequency deviation
∆f2 (average) / ∆f1 (average)
Bluetooth® Low Energy:> 0.80
-
0.90
-
-
OBSE(2)
Out of band
spurious emission
< 1 GHz
-
-
-61
-
dBm
≥ 1 GHz
-
-
-46
-
1. :Measured in conducted mode, based on reference design (see AN5165), using output power specific external RF filter and
impedance matching networks to interface with a 50 Ω antenna.
2. Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440
Class 2 (Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com