Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 68Page - STMicroelectronics STM32WB55CC Datasheet HTML 69Page - STMicroelectronics STM32WB55CC Datasheet HTML 70Page - STMicroelectronics STM32WB55CC Datasheet HTML 71Page - STMicroelectronics STM32WB55CC Datasheet HTML 72Page - STMicroelectronics STM32WB55CC Datasheet HTML 73Page - STMicroelectronics STM32WB55CC Datasheet HTML 74Page - STMicroelectronics STM32WB55CC Datasheet HTML 75Page - STMicroelectronics STM32WB55CC Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 165 page
background image
Electrical characteristics
STM32WB55xx
72/165
DS11929 Rev 3
Caution:
Each power supply pair (VDD / VSS, VDDA / VSSA etc.) must be decoupled with filtering
ceramic capacitors as shown in Figure 13. These capacitors must be placed as close as
possible to (or below) the appropriate pins on the underside of the PCB to ensure the good
functionality of the device.
6.1.7
Current consumption measurement
Figure 14. Current consumption measurement scheme
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 18, Table 19 and Table 20
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
Table 18. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage
(including VDD, VDDA, VDDUSB, VLCD,
VDDRF, VDDSMPS, VBAT)
-0.3
4.0
V
VIN(2)
Input voltage on FT_xxx pins
VSS-0.3
min (VDD, VDDA, VDDUSB, VLCD, VDDRF,
VDDSMPS) + 4.0(3)(4)
Input voltage on TT_xx pins
4.0
Input voltage on any other pin
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com