Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 16Page - STMicroelectronics STM32WB55CC Datasheet HTML 17Page - STMicroelectronics STM32WB55CC Datasheet HTML 18Page - STMicroelectronics STM32WB55CC Datasheet HTML 19Page - STMicroelectronics STM32WB55CC Datasheet HTML 20Page - STMicroelectronics STM32WB55CC Datasheet HTML 21Page - STMicroelectronics STM32WB55CC Datasheet HTML 22Page - STMicroelectronics STM32WB55CC Datasheet HTML 23Page - STMicroelectronics STM32WB55CC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 165 page
background image
Functional overview
STM32WB55xx
20/165
DS11929 Rev 3
The STM32WB55xx always boot on CPU1 core. The embedded bootloader code makes it
possible to boot from various peripherals:
•
USB
•
UART
•
I2C
•
SPI
Secure Firmware update (especially BLE and 802.15.4) from system boot and over the air is
provided.
3.6
RF subsystem
The STM32WB55xx embed an ultra-low power multi-standard radio Bluetooth® Low Energy
(BLE) and 802.15.4 network processor, compliant with Bluetooth® specification v5.0 and
IEEE® 802.15.4-2011. The BLE features 1 Mbps and 2 Mbps transfer rates, supports
multiple roles simultaneously acting at the same time as Bluetooth® Low Energy sensor and
hub device, embeds Elliptic Curve Diffie-Hellman (ECDH) key agreement protocol, thus
ensuring a secure connection.
The Bluetooth® Low Energy stack and 802.15.4 Low Level layer run on an embedded Arm®
Cortex®-M0+ core (CPU2). The stack is stored on the embedded Flash memory, which is
also shared with the Arm® Cortex®-M4 (CPU1) application, making it possible in-field stack
update.
3.6.1
RF front-end block diagram
The RF front-end is based on a direct modulation of the carrier in Tx, and uses a low IF
architecture in Rx mode.
Thanks to an internal transformer at RF pins, the circuit directly interfaces the antenna
(single ended connection, impedance close to 50 Ω). The natural bandpass behavior of the
internal transformer, simplifies outside circuitry aimed for harmonic filtering and out of band
interferer rejection.
In Transmit mode, the maximum output power is user selectable through the programmable
LDO voltage of the power amplifier. A linearized, smoothed analog control offers clean
power ramp-up.
In receive mode the circuit can be used in standard high performance or in reduced power
consumption (user programmable). The Automatic Gain Control (AGC) is able to reduce the
chain gain at both RF and IF locations, for optimized interferers rejection. Thanks to the use
of complex filtering and highly accurate I/Q architecture, high sensitivity and excellent
linearity can be achieved.
The bill of material is reduced thanks to the high degree of integration. The radio frequency
source is synthesized form an external 32 MHz crystal that does not need any external
trimming capacitor network thanks to a dual network of user programmable integrated
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com