Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 15Page - STMicroelectronics STM32WB55CC Datasheet HTML 16Page - STMicroelectronics STM32WB55CC Datasheet HTML 17Page - STMicroelectronics STM32WB55CC Datasheet HTML 18Page - STMicroelectronics STM32WB55CC Datasheet HTML 19Page - STMicroelectronics STM32WB55CC Datasheet HTML 20Page - STMicroelectronics STM32WB55CC Datasheet HTML 21Page - STMicroelectronics STM32WB55CC Datasheet HTML 22Page - STMicroelectronics STM32WB55CC Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 165 page
background image
DS11929 Rev 3
19/165
STM32WB55xx
Functional overview
69
3.3.4
Embedded SRAM
STM32WB55xx devices feature up to 256 KB of embedded SRAM, split in three blocks:
•
SRAM1: 192 KB mapped at address 0x2000 0000
•
SRAM2a: 32 KB located at address 0x2003 0000 (contiguous to SRAM1) also mirrored
at 0x1000 0000, with hardware parity check (this SRAM can be retained in Standby
mode)
•
SRAM2b: 32 KB located at address 0x2003 8000 (contiguous with SRAM2a) and
mirrored at 0x1000 8000 with hardware parity check
SRAM2a and SRAM2b can be write-protected, with 1 KB granularity, A section of the
SRAM2a and SRAM2b is secured for the RF sub-system and cannot be accessed by the
host CPU1.
The SRAMs can be accessed in read/write with 0 wait states for all CPU1 and CPU2 clock
speeds.
3.4
Security and safety
The STM32WB55xx contains many security blocks both for the BLE or IEEE 802.14.5 and
the Host application.
It includes:
•
Customer storage of the BLE and 802.14.5 Keys
•
Secure Flash memory partition for RF subsystem only access
•
Secure SRAM partition, that can be accessed only by the RF subsystem
•
True Random Number Generator (RNG)
•
Advance Encryption Standard hadware accelerators (AES-128bit and AES-256bit,
supporting chaining modes ECB, CBC, CTR, GCM, GMAC, CCM)
•
Private Key Acceleration (PKA) including:
–
Modular arithmetic including exponentiation with maximum modulo size of 3136
bits
–
Elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA
verification with maximum modulo size of 521 bits
•
Cyclic redundancy check calculation unit (CRC)
A specific mechanism is in place to ensure that all the code executed by the RF subsystem
CPU2 can be secure, whatever the Host application. For the AES1 a customer key can be
managed by the CPU2 and used by the CPU1 to encrypt/decrypt data.
3.5
Boot modes and FW update
At startup, BOOT0 pin and BOOT1 option bit are used to select one of three boot options:
•
Boot from user Flash
•
Boot from system memory
•
Boot from embedded SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com