Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 92Page - STMicroelectronics STM32WB55CC Datasheet HTML 93Page - STMicroelectronics STM32WB55CC Datasheet HTML 94Page - STMicroelectronics STM32WB55CC Datasheet HTML 95Page - STMicroelectronics STM32WB55CC Datasheet HTML 96Page - STMicroelectronics STM32WB55CC Datasheet HTML 97Page - STMicroelectronics STM32WB55CC Datasheet HTML 98Page - STMicroelectronics STM32WB55CC Datasheet HTML 99Page - STMicroelectronics STM32WB55CC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 165 page
background image
Table 43. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C
IDD
(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled,
BLE disabled,
LCD disabled
--
1.8 V 95.5
100
110
120
195
315
550
TBD TBD
TBD
TBD
TBD
TBD
TBD
µA
2.4 V 97.5
105
110
125
195
315
555
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 98.5
105
110
125
195
320
560
TBD TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 100
105
115
125
200
320
560
TBD TBD
TBD
TBD
TBD
TBD
TBD
Supply current
during wakeup
from Stop 0
Bypass mode
Wakeup clock
HSI16,
voltage Range 2.
See (2).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
mA
Wakeup clock is
MSI = 32 MHz,
voltage Range 1.
See (2).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
Wakeup clock is
MSI = 4 MHz,
voltage Range 2.
See (2).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 49: Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com