Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 77Page - STMicroelectronics STM32WB55CC Datasheet HTML 78Page - STMicroelectronics STM32WB55CC Datasheet HTML 79Page - STMicroelectronics STM32WB55CC Datasheet HTML 80Page - STMicroelectronics STM32WB55CC Datasheet HTML 81Page - STMicroelectronics STM32WB55CC Datasheet HTML 82Page - STMicroelectronics STM32WB55CC Datasheet HTML 83Page - STMicroelectronics STM32WB55CC Datasheet HTML 84Page - STMicroelectronics STM32WB55CC Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 165 page
background image
DS11929 Rev 3
81/165
STM32WB55xx
Electrical characteristics
152
Figure 15. Typical link quality indicator code vs. Rx level
Prf
Maximum output power(1)
SMPS Bypass (or ON
(VFBSMPS = 1.7 V) and
VDD > 1.95 V)
-5.7
-
dBm
SMPS Bypass (or ON
(VFBSMPS = 1.4 V) and
VDD > 1.71 V), Code 29
-3.7
-
0 dBm output power
-
-
0
-
Minimum output power
-
-
-20
-
Pband
Output power variation over the band Tx = 0 dBm - Typical
-0.5
-
0.4
dB
EVMrms EVM rms
Pmax
5
6
8
%
Txpd
Transmit power density
|f - fc| > 3.5 MHz
-
-35
-
dB
1. Measured in conducted mode, based on reference design (see AN5165), using output power specific
external RF filter and impedance matching networks to interface with a 50 Ω antenna.
Table 30. RF receiver 802.15.4 characteristics
Symbol
Parameter
Conditions
Typ
Unit
Prx_max
Maximum input signal
PER < 1%
6
dBm
Rsens
Sensitivity (SMPS Bypass)
-100
Sensitivity (SMPS On)
-98
C/adj
Adjacent channel rejection
-
35
dB
C/alt
Alternate channel rejection
-
46
Table 29. RF transmitter 802.15.4 characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ Max Unit
0
20
40
60
80
100
120
140
160
180
200
220
240
-120-115-110-105-100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 -45 -40 -35 -30 -25 -20
Pin (dBm)
TP/154/PHY24/RECEIVER 06/Ch11(2405MHz)
TP/154/PHY24/RECEIVER 06/Ch19(2445MHz)
TP/154/PHY24/RECEIVER 06/Ch26(2480MHz)
TEST_NAME
PARAM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com