Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 19Page - STMicroelectronics STM32WB55CC Datasheet HTML 20Page - STMicroelectronics STM32WB55CC Datasheet HTML 21Page - STMicroelectronics STM32WB55CC Datasheet HTML 22Page - STMicroelectronics STM32WB55CC Datasheet HTML 23Page - STMicroelectronics STM32WB55CC Datasheet HTML 24Page - STMicroelectronics STM32WB55CC Datasheet HTML 25Page - STMicroelectronics STM32WB55CC Datasheet HTML 26Page - STMicroelectronics STM32WB55CC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 165 page
background image
DS11929 Rev 3
23/165
STM32WB55xx
Functional overview
69
3.6.3
802.15.4 general description
The STM32WB55xx embed a dedicated 802.15.4 Hardware MAC
•
Support for 802.15.4 release 2011
•
Advanced MAC frame filtering; hardwired firewall: Programmable filters based on
source/destination addresses, frame version, security enabled, frame type
•
256-byte RX FIFO; Up to 8 frames capacity, additional frame information (timing, mean
RSSI,LQI)
•
128-byte TX FIFO with retention
–
Content not lost, retransmissions possible under CPU2 control
•
Automatic frame Acknowledgment, with programmable delay
•
Advanced channel access features
–
Full CSMA-CA support
–
Superframe timer
–
Beaconing support (require LSE),
–
Flexible TX control with programmable delay
•
Configuration registers with retention available down to Standby mode for
software/auto-restore
•
Autonomous Sniffer, Wakeup based on timer or CPU2 request
•
Automatic frame transmission/reception/sleep periods, Interrupt to the CPU2 on
particular events
3.6.4
RF pin description
The RF block contains dedicated pins, listed in Table 4.
:
3.6.5
Typical RF application schematic
The schematic in Figure 3 and the external components listed in Table 4 are purely
indicative. For more details refer to the “Reference design” provided in separate documents.
Table 4. RF pin list
Name
Type
Description
RF1
I/O
RF Input/output, must be connected to the antenna through a low pass matching network
OSC_OUT
32 MHz main oscillator, also used as HSE source
OSC_IN
EXT_PA_TX
External PA transmit control
VDDRF
VDD Dedicated supply, must be connected to VDD
VSSRF(1)
VSS
To be connected to GND
1. On packages with exposed pad, this pad must be connected to GND plane for correct RF operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com