Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 78Page - STMicroelectronics STM32WB55CC Datasheet HTML 79Page - STMicroelectronics STM32WB55CC Datasheet HTML 80Page - STMicroelectronics STM32WB55CC Datasheet HTML 81Page - STMicroelectronics STM32WB55CC Datasheet HTML 82Page - STMicroelectronics STM32WB55CC Datasheet HTML 83Page - STMicroelectronics STM32WB55CC Datasheet HTML 84Page - STMicroelectronics STM32WB55CC Datasheet HTML 85Page - STMicroelectronics STM32WB55CC Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 165 page
background image
Electrical characteristics
STM32WB55xx
82/165
DS11929 Rev 3
Figure 16. Typical energy detection (T = 27°C, VDD = 3.3 V)
Table 31. RF 802.15.4 power consumption for VDD = 3.3 V
Symbol
Parameter
Typ
Unit
Itxmax
TX maximum output power consumption (SMPS Bypass)
TBD
mA
TX maximum output power consumption (SMPS On, VFBSMPS = 1.7 V)
TBD
Itx0dbm
TX 0 dBm output power consumption (SMPS Bypass)
TBD
TX 0 dBm output power consumption (SMPS On, VFBSMPS = 1.4 V)
TBD
Irxlo
Rx consumption (SMPS Bypass)
TBD
Rx consumption (SMPS On)
TBD
0
16
32
48
64
80
96
112
128
144
160
176
192
208
224
240
Input power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com