Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 75Page - STMicroelectronics STM32WB55CC Datasheet HTML 76Page - STMicroelectronics STM32WB55CC Datasheet HTML 77Page - STMicroelectronics STM32WB55CC Datasheet HTML 78Page - STMicroelectronics STM32WB55CC Datasheet HTML 79Page - STMicroelectronics STM32WB55CC Datasheet HTML 80Page - STMicroelectronics STM32WB55CC Datasheet HTML 81Page - STMicroelectronics STM32WB55CC Datasheet HTML 82Page - STMicroelectronics STM32WB55CC Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 165 page
background image
DS11929 Rev 3
79/165
STM32WB55xx
Electrical characteristics
152
P_OBB
Out of band blocking
30 to 2000 MHz
Bluetooth® Low Energy: -30 dBm
-3
dBm
2003 to 2399 MHz
Bluetooth® Low Energy: -35 dBm
-3
2484 to 2997 MHz
Bluetooth® Low Energy: -35 dBm
-2
3 to 12.75 GHz
Bluetooth® Low Energy: -30 dBm
5
1. With ideal TX.
Table 26. RF receiver BLE characteristics (1 Mbps) (continued)
Symbol
Parameter
Test conditions
Typ
Unit
Table 27. RF receiver BLE characteristics (2 Mbps)
Symbol
Parameter
Test conditions
Typ
Unit
Prx_max
Maximum input signal
PER <30.8%
Bluetooth® Low Energy: min -10 dBm
6
dBm
Psens(1)
High sensitivity mode (SMPS Bypass) PER <30.8%
Bluetooth® Low Energy: max -70 dBm
-92.5
High sensitivity mode (SMPS ON)
-92.5
Rssimaxrange RSSI maximum value
-
-7
Rssiminrange RSSI minimum value
-
-94
Rssiaccu
RSSI accuracy
-
2
dB
C/Ico
Co-channel rejection
Bluetooth® Low Energy spec: 21 dB
10
C/I
Adjacent channel interference
Adj ≥ 8MHz
Bluetooth® Low Energy: -27 dB
-54
Adj ≤ -8 MHz
Bluetooth® Low Energy:-27 dB
-51
Adj = 6 MHz
Bluetooth® Low Energy:-27 dB
-49
Adj = -6 MHz
Bluetooth® Low Energy:-15 dB
-46
Adj = 4 MHz
Bluetooth® Low Energy:-17 dB
-40
Adj = 2 MHz
Bluetooth® Low Energy:15 dB
-2
Adj = -2 MHz
Bluetooth® Low Energy:15 dB
-4
C/Image
Image rejection (Fimage = -4 MHz)
Bluetooth® Low Energy: -9 dB
-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com