Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 93Page - STMicroelectronics STM32WB55CC Datasheet HTML 94Page - STMicroelectronics STM32WB55CC Datasheet HTML 95Page - STMicroelectronics STM32WB55CC Datasheet HTML 96Page - STMicroelectronics STM32WB55CC Datasheet HTML 97Page - STMicroelectronics STM32WB55CC Datasheet HTML 98Page - STMicroelectronics STM32WB55CC Datasheet HTML 99Page - STMicroelectronics STM32WB55CC Datasheet HTML 100Page - STMicroelectronics STM32WB55CC Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 165 page
background image
Table 44. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C
IDD
(Standby)
Supply current
in Standby
mode (backup
registers and
SRAM2a
retained),
RTC disabled
BLE enabled
No independent
watchdog
1.8 V 0.850 0.925 1.150
1.55
4.00
9.00
19.50
TBD
TBD
TBD
TBD
TBD
TBD
TBD
µA
2.4 V 0.910 0.985 1.200
1.65
4.10
9.60
21.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.940 1.050 1.250
1.75
4.60
10.50
23.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 1.050 1.150 1.400
1.90
5.10
11.50
25.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
BLE disabled
No independent
watchdog
1.8 V 0.270 0.320 0.515 0.920
3.45
8.20
18.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 0.270 0.350 0.540 0.955
3.50
8.80
20.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.270 0.370 0.575
1.00
3.85
9.50
22.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.300 0.410 0.645
1.15
4.20
10.50
24.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
BLE disabled
With
independent
watchdog
1.8 V 0.265 0.525 0.710
1.10
3.90
8.40
18.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 0.280 0.595 0.790
1.20
4.00
9.05
20.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.290 0.670 0.855
1.35
4.15
9.80
22.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.295 0.770 0.990
1.50
4.60
11.00
24.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
IDD
(Standby
with RTC)
Supply current
in Standby
mode (backup
registers and
SRAM2a
retained),
RTC enabled
BLE disabled
RTC clocked by
LSI, no
independent
watchdog
1.8 V 0.500 0.600 0.780
1.20
3.70
8.45
18.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 0.630 0.705 0.910
1.30
3.80
9.10
20.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.725 0.825 1.050
1.50
3.95
9.90
22.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.860 0.970 1.200
1.70
4.25
11.00
24.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
RTC clocked by
LSI, with
independent
watchdog
1.8 V 0.565 0.655 0.830
1.25
3.75
8.55
19.0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 0.635 0.790 0.975
1.40
4.10
9.20
20.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.725 0.915 1.100
1.55
4.50
10.00
22.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.870 1.050 1.300
1.80
4.90
11.00
24.5
TBD
TBD
TBD
TBD
TBD
TBD
TBD
RTC clocked by
LSE quartz (2) in
low drive mode
1.8 V 0.525 0.625 0.840
1.25
3.75
8.60
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
2.4 V 0.665 0.755 0.960
1.35
4.05
9.25
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.0 V 0.775 0.880 1.100
1.55
4.40
10.00
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
3.6 V 0.935 1.050 1.300
1.80
5.00
11.00
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com