Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 89Page - STMicroelectronics STM32WB55CC Datasheet HTML 90Page - STMicroelectronics STM32WB55CC Datasheet HTML 91Page - STMicroelectronics STM32WB55CC Datasheet HTML 92Page - STMicroelectronics STM32WB55CC Datasheet HTML 93Page - STMicroelectronics STM32WB55CC Datasheet HTML 94Page - STMicroelectronics STM32WB55CC Datasheet HTML 95Page - STMicroelectronics STM32WB55CC Datasheet HTML 96Page - STMicroelectronics STM32WB55CC Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 165 page
background image
IDD
(wakeup
from
Stop 2)
Supply current
during
wakeup from
Stop 2 mode
bypass mode
Wakeup clock is
HSI16, voltage
Range 2. See(4).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
µA
Wakeup clock is
MSI = 32 MHz,
voltage
Range 1. See(4).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
Wakeup clock is
MSI = 4 MHz,
voltage
Range 2. See(4).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
Supply current
during
wakeup from
Stop 2 mode
SMPS mode
Wakeup clock is
HSI16, voltage
Range 1. See(4).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
Wakeup clock is
MSI = 32 MHz,
voltage
Range 1. See(4).
3.0 V
-
TBD
-
-
-
-
-
-
-
-
-
-
-
-
1. Guaranteed based on test during characterization, unless otherwise specified.
2. LCD enabled with external voltage source. Consumption from VLCD excluded. Refer to LCD controller characteristics for IVLCD
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 49: Low-power mode wakeup timings.
Table 41. Current consumption in Stop 2 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C 0 °C 25 °C 40 °C 55 °C 85 °C 105 °C 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com