Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 112Page - STMicroelectronics STM32WB55CC Datasheet HTML 113Page - STMicroelectronics STM32WB55CC Datasheet HTML 114Page - STMicroelectronics STM32WB55CC Datasheet HTML 115Page - STMicroelectronics STM32WB55CC Datasheet HTML 116Page - STMicroelectronics STM32WB55CC Datasheet HTML 117Page - STMicroelectronics STM32WB55CC Datasheet HTML 118Page - STMicroelectronics STM32WB55CC Datasheet HTML 119Page - STMicroelectronics STM32WB55CC Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 165 page
background image
Electrical characteristics
STM32WB55xx
116/165
DS11929 Rev 3
6.3.12
PLL characteristics
The parameters given in Table 60 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 22: General operating conditions.
Table 59. LSI2 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSI2
LSI2 frequency
VDD = 3.0 V, TA = 30 °C
21.6
-
44.2
kHz
VDD = 1.62 to 3.6 V, TA = -40 to 125 °C 21.2
-
44.4
tSU(LSI2)(2) LSI2 oscillator start-up time
-
0.7
-
3.5
ms
IDD(LSI2)(2)
LSI2 oscillator power
consumption
-
-
500 1180
nA
∆Tmax(LSI2)
Allowed temperature change
during sleep duration(3)
--
1.5
0.4
°C
1. Guaranteed by characterization results.
2. Guaranteed by design.
3. Includes accuracy of 32 Mhz crystal.
Table 60. PLL, PLLSAI1 characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
-4
-
16
MHz
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT PLL multiplier output clock P
Voltage scaling Range 1
2
-
64
MHz
Voltage scaling Range 2
2
-
16
fPLL_Q_OUT PLL multiplier output clock Q
Voltage scaling Range 1
8
-
64
Voltage scaling Range 2
8
-
16
fPLL_R_OUT PLL multiplier output clock R
Voltage scaling Range 1
8
-
64
Voltage scaling Range 2
8
-
16
fVCO_OUT PLL VCO output
Voltage scaling Range 1
64
-
344
Voltage scaling Range 2
64
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 64 MHz
-40
-
ps
RMS period jitter
-
30
-
IDD(PLL)
PLL power consumption
on VDD(1)
VCO freq = 96 MHz
-
200
260
μA
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650
1. Guaranteed by design.
2. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared
between the two PLLs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com