Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 144Page - STMicroelectronics STM32WB55CC Datasheet HTML 145Page - STMicroelectronics STM32WB55CC Datasheet HTML 146Page - STMicroelectronics STM32WB55CC Datasheet HTML 147Page - STMicroelectronics STM32WB55CC Datasheet HTML 148Page - STMicroelectronics STM32WB55CC Datasheet HTML 149Page - STMicroelectronics STM32WB55CC Datasheet HTML 150Page - STMicroelectronics STM32WB55CC Datasheet HTML 151Page - STMicroelectronics STM32WB55CC Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 165 page
background image
Electrical characteristics
STM32WB55xx
148/165
DS11929 Rev 3
Table 92. Quad-SPI characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FCK
1/t(CK)
Quad-SPI clock
frequency
1.65 < VDD < 3.6 V, CLOAD = 20 pF
Voltage Range 1
--
40
MHz
2.0 < VDD < 3.6 V, CLOAD = 20 pF
Voltage Range 1
--
50
1.65 < VDD < 3.6 V, CLOAD = 15 pF
Voltage Range 1
--
48
1.65 < VDD < 3.6 V CLOAD = 20 pF
Voltage Range 2
--
16
tw(CKH) Quad-SPI clock
high and low time
fAHBCLK = 48 MHz, presc=0
t(CK)/2
-
t(CK)/2 + 1
ns
tw(CKL)
t(CK)/2 - 1
-
t(CK)/2
tsr(IN)
Data input setup
time on rising edge
Voltage Range 1
2.5
--
Voltage Range 2
3.5
tsf(IN)
Data input setup
time on falling edge
Voltage Range 1
2.5
--
Voltage Range 2
1.5
thr(IN)
Data input hold
time on rising edge
Voltage Range 1
5.5
--
Voltage Range 2
6.5
thf(IN)
Data input hold
time on falling edge
Voltage Range 1
5
--
Voltage Range 2
6
tvr(OUT)
Data output valid
time on rising edge
Voltage Range 1
DHHC=0
-
45.5
DHHC=1
t(CK)/2 + 1 t(CK)/2 + 1.5
Voltage Range 2
4.5
7
tvf(OUT)
Data output valid
time on falling edge
Voltage Range 1
DHHC=0
-
46
DHHC=1
t(CK)/2 + 1
t(CK)/2 + 2
Voltage Range 2
6
7.5
thr(OUT)
Data output hold
time on rising edge
Voltage Range 1
DHHC=0
2
-
-
DHHC=1 t(CK)/2 + 0.5
-
-
Voltage Range 2
3.5
-
-
thf(OUT)
Data output hold
time on falling edge
Voltage Range 1
DHHC=0
3
-
-
DHHC=1 t(CK)/2 + 0.5
-
-
Voltage Range 2
5
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com