Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 150Page - STMicroelectronics STM32WB55CC Datasheet HTML 151Page - STMicroelectronics STM32WB55CC Datasheet HTML 152Page - STMicroelectronics STM32WB55CC Datasheet HTML 153Page - STMicroelectronics STM32WB55CC Datasheet HTML 154Page - STMicroelectronics STM32WB55CC Datasheet HTML 155Page - STMicroelectronics STM32WB55CC Datasheet HTML 156Page - STMicroelectronics STM32WB55CC Datasheet HTML 157Page - STMicroelectronics STM32WB55CC Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 165 page
background image
Package information
STM32WB55xx
154/165
DS11929 Rev 3
Figure 34. VFQFPN68, 8 x 8 mm, 0.4 mm pitch, very thin fine pitch quad flat
recommended footprint
1. Dimensions are expressed in millimeters.
Table 95. VFQFPN68, 8 x 8 mm, 0.4 mm pitch, very thin fine pitch quad flat
mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0
0.02
0.05
0
0.0008
0.0020
A3
-
0.20
-
-
0.0008
-
b
0.15
0.20
0.25
0.0059
0.0079
0.0098
D
7.85
8.00
8.15
0.3091
0.3150
0.3209
D2
6.30
6.40
6.50
0.2480
0.2520
0.2559
E
7.85
8.00
8.15
0.3091
0.3150
0.3209
E2
6.30
6.40
6.50
0.2480
0.2520
0.2559
e
-
0.40
-
-
0.0157
-
L
0.40
0.50
0.60
0.0157
0.0197
0.0236
ddd
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com