Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55CC Datasheet(PDF) 163 Page - STMicroelectronics

Part # STM32WB55CC
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CC Datasheet(HTML) 163 Page - STMicroelectronics

Back Button STM32WB55CC Datasheet HTML 157Page - STMicroelectronics STM32WB55CC Datasheet HTML 158Page - STMicroelectronics STM32WB55CC Datasheet HTML 159Page - STMicroelectronics STM32WB55CC Datasheet HTML 160Page - STMicroelectronics STM32WB55CC Datasheet HTML 161Page - STMicroelectronics STM32WB55CC Datasheet HTML 162Page - STMicroelectronics STM32WB55CC Datasheet HTML 163Page - STMicroelectronics STM32WB55CC Datasheet HTML 164Page - STMicroelectronics STM32WB55CC Datasheet HTML 165Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 163 / 165 page
background image
DS11929 Rev 3
163/165
STM32WB55xx
Revision history
164
08-Oct-2018
3
Changed document classification to Public.
Updated Features, Section 3.6.2: BLE general description, Section 3.7.2:
Power supply schemes, Section 3.7.3: Linear voltage regulator,
Section 3.10: Clocks and startup, Section 6.3.10: External clock source
characteristics, Section 6.3.20: Analog-to-Digital converter
characteristics, Section 6.3.28: Communication interfaces characteristics,
Section 7.1: WLCSP100 package information and Section 7.4: Thermal
characteristics.
Replaced VDDIOx with VDD throughout the whole document.
Updated Table 5: Typical external components, footnote 2 of Table 7:
Features over all modes, Table 8: STM32WB55xx modes overview and its
footnote 5, Table 12: Internal voltage reference calibration values,
Table 16: STM32WB55xx pin and ball definitions and its footnote 5,
Table 17: Alternate functions, Table 20: Thermal characteristics, Table 21:
Main performance at VDD = 3.3 V, Table 21: Main performance at VDD =
3.3 V, Table 22: General operating conditions, Table 23: RF transmitter
BLE characteristics and its footnote, Table 26: RF receiver BLE
characteristics (1 Mbps), Table 28: RF BLE power consumption for VDD =
3.3 V, Table 29: RF transmitter 802.15.4 characteristics and its footnote 1,
Table 30: RF receiver 802.15.4 characteristics, Table 31: RF 802.15.4
power consumption for VDD = 3.3 V, Table 34: Embedded internal
voltage reference, Table 35: Current consumption in Run and Low-power
run modes, code with data processing running from Flash, ART enable
(Cache ON Prefetch OFF), VDD = 3.3 V, Table 36: Current consumption
in Run and Low-power run modes, code with data processing running
from SRAM1, VDD = 3.3 V, Table 37: Typical current consumption in Run
and Low-power run modes, with different codes running from Flash, ART
enable (Cache ON Prefetch OFF), VDD= 3.3 V, Table 38: Typical current
consumption in Run and Low-power run modes, with different codes
running from SRAM1, VDD = 3.3 V, Table 39: Current consumption in
Sleep and Low-power sleep modes, Flash memory ON, Table 40: Current
consumption in Low-power sleep modes, Flash memory in Power down,
Table 41: Current consumption in Stop 2 mode, Table 42: Current
consumption in Stop 1 mode, Table 43: Current consumption in Stop 0
mode, Table 44: Current consumption in Standby mode, Table 45: Current
consumption in Shutdown mode, Table 46: Current consumption in VBAT
mode, Table 47: Current under Reset condition, Table 48: Peripheral
current consumption, Table 49: Low-power mode wakeup timings,
Table 50: Regulator modes transition times, Table 51: Wakeup time using
LPUART, Table 53: HSE oscillator characteristics and added footnote to
it, Table 59: LSI2 oscillator characteristics, Table 61: Flash memory
characteristics, Table 63: EMS characteristics, Table 65: ESD absolute
maximum ratings, Table 67: I/O current injection susceptibility, Table 68:
I/O static characteristics and its footnotes, Table 69: Output voltage
characteristics, Table 70: I/O AC characteristics and its footnotes 1 and 2,
Table 71: NRST pin characteristics, Table 75: ADC accuracy - Limited test
conditions 1, Table 76: ADC accuracy - Limited test conditions 2,
Table 76: ADC accuracy - Limited test conditions 2, Table 77: ADC
accuracy - Limited test conditions 3, Table 80: COMP characteristics,
Table 89: I2C analog filter characteristics, Table 90: SPI characteristics,
Table 91: Quad-SPI characteristics in SDR mode, Table 92: Quad-SPI
characteristics in DDR mode and Table 93: SAI characteristics.
Table 99. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com