Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 3Page - STMicroelectronics STLC1510 Datasheet HTML 4Page - STMicroelectronics STLC1510 Datasheet HTML 5Page - STMicroelectronics STLC1510 Datasheet HTML 6Page - STMicroelectronics STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7/40
STLC1510
RxClav
O
5V Tol 3.3V TTL 2mA slew ltd
output
Rx cell available signal.
P5
RxEnb
I
5V Tol. CMOS input
Rx Enable.
N4
RxSOC
O
5V Tol 3.3V TTL 2mA slew ltd
output
Rx start of Cell
P4
URxData_7
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 7
N3
URxData_6
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 6
P3
URxData_5
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 5
P2
URxData_4
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 4
N2
URxData_3
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 3
M2
URxData_2
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 2
P1
URxData_1
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 1
N1
URxData_0
O
5V Tol 3.3V TTL 2mA slew ltd
output
Utopia2 Receive data bit 0; also CDIF
output data
M1
RxAddr_4
I
5V Tol. CMOS input
Utopia2 Receive Address
L2
RxAddr_3
I
5V Tol. CMOS input
Utopia2 Receive Address
K2
RxAddr_2
I
5V Tol. CMOS input
Utopia2 Receive Address
K1
RxAddr_1
I
5V Tol. CMOS input
Utopia2 Receive Address
J2
RxAddr_0
I
5V Tol. CMOS input
Utopia2 Receive Address
J1
RxParity
O
5V Tol 3.3V TTL 2mA slew ltd
output
Odd parity bit of the data on
URxData[7:0].
N5
HPI
HPI_Data_7
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
B14
HPI_Data_6
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
A14
HPI_Data_5
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
B13
HPI_Data_4
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
A13
HPI_Data_3
I/O
5V Tol CMOS input/ 5V Tol 3.3V
TTL 2mA slew ltd output
HPI Port Data
B12
Table 2. Pad Description
Signal
I/O
Pad Type
Description
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com