Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 15Page - STMicroelectronics STLC1510 Datasheet HTML 16Page - STMicroelectronics STLC1510 Datasheet HTML 17Page - STMicroelectronics STLC1510 Datasheet HTML 18Page - STMicroelectronics STLC1510 Datasheet HTML 19Page - STMicroelectronics STLC1510 Datasheet HTML 20Page - STMicroelectronics STLC1510 Datasheet HTML 21Page - STMicroelectronics STLC1510 Datasheet HTML 22Page - STMicroelectronics STLC1510 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19/40
STLC1510
Table 4. HPI Memory Map
5.8 Block Processing Unit (BPU) Functional
Description
5.8.1 Block Processing Unit - Core
The BPU is a programmable Digital Signal Processor
responsible for the bulk of the high rate signal pro-
cessing required in the modem. This processor utiliz-
es a dual multiply accumulate Arithmetic Unit (AU)
and Very Long Instruction Word (VLIW) format to
achieve high processing efficiencies.
The BPU is designed to perform the following func-
tions:
s
Finite Impulse Filters (FIR)
s
(Infinite Impulse Response) IIR
s
FFT/IFFT
s
Compression/decompression for FFT/IFFT
s
FDEQ
s
Tx Gain
s
SNR calculation - recursive average
s
add/remove cyclic prefix
s
Slicer
s
Auto Correlation
s
FDEQ update
s
Digital AGC
HPI Reg
Host
Processor
Addr
BIN
Output Status Reg
000
Output Index Reg
001
Output Mask Reg
010
Input Status Reg
011
Input Index Reg
100
Input Mask Reg
101
Output Message Buffer
110
Input Message Buffer
111
Figure 6. BPU Core Block Diagram
PROGRAM
MEMORY
ADDRESS
PROGRAM
MEMORY
DATA
ADDRESS CALCULATION UNIT (ACU)
PROGRAM CONTROL UNIT (PCU)
PROGRAM MEMORY
XDATA MEM
CDATA MEM
AU CONTROL
MCU/DFE
DATA
MEMORY
INTERFACE
XPORT
CPORT
(XDM)(CDM)
ARITHMETIC UNIT (AU)
AU CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com