Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 29Page - STMicroelectronics STLC1510 Datasheet HTML 30Page - STMicroelectronics STLC1510 Datasheet HTML 31Page - STMicroelectronics STLC1510 Datasheet HTML 32Page - STMicroelectronics STLC1510 Datasheet HTML 33Page - STMicroelectronics STLC1510 Datasheet HTML 34Page - STMicroelectronics STLC1510 Datasheet HTML 35Page - STMicroelectronics STLC1510 Datasheet HTML 36Page - STMicroelectronics STLC1510 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33/40
STLC1510
Figure 20. Network Serial Interface Tx Timing
In the Rx direction, the most significant bit of a data
byte is transmitted to the network first, with the least
significant bit transmitted last. The serial data stream
is sampled by the network on the rising edge of Rx-
Clk. Samples at the gapped positions are ignored.
Figure 21. illustrates the Rx timing diagram of the se-
rial interface. Ignored samples are indicated by ’X’ in
the timing diagram.
8.2 UTOPIA Level 2 Interface
The Utopia Level 2 Interface is an 8-bit interface, op-
erating independently in the TX and RX directions.
The Utopia Level 2 Interface is briefly illustrated in
Figure 22.
General features:
s
Implemented according to The ATM Forum
Technical Committee’s Utopia Level 2
specification. Utopia Level 2 is an extension of
Utopia Level 1 which provides for connecting
multiple MPHY layer devices to a single ATM
layer. Once a given MPHY layer device has
been selected for data transfer according to the
mechanisms specified in Utopia Level 2, the
transfer itself is performed according to the
mechanisms specified in Utopia Level 1.
s
8-bit data transfer in each direction (TX and
RX), with a maximum clock speed of
approximately 21 MHz.
s
Clocks are provided by the ATM layer through
the TxClk and RxClk ports. (ATM layer is the
master, PHY layer is the slave)
s
There are 5 address lines for each of the TX and
RX interfaces. Up to 31 addresses are
supported, with the 32nd address (11111) being
a reserved, idle address. Single PHY operation
is supported by leaving the address lines set to
the address of the PHY device.
s
For more information, please see the ATM
Tx Clk
U T x Data[0 ] B(1 )
B(0 )
B(7 )
B( 6)
B (5)
B (4)
Figure 21. Network Serial Interface Rx Timing
Rx Clk
UR x D ata[0]
B(1 )
B(0 )
B(7 )
B(6 )
B(5 )
X
X
X
Figure 22. The NIF Utopia Level 2 Interface
S TLC 1510
Tx C lk
Rx Clk
U Tx Data[7:0]
U R x Da ta[7:0 ]
Ne tw o rk
Tx E n b
Tx S O C
Tx P a rity
R xA ddr[4 :0]
Rx Cla v
Tx Cla v
Tx BP
Rx En b
Tx A d d r[4 :0 ]
Rx S O C
Rx P a rity
(M PH Y
La y e r)
(ATM
La y e r)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com