Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 13Page - STMicroelectronics STLC1510 Datasheet HTML 14Page - STMicroelectronics STLC1510 Datasheet HTML 15Page - STMicroelectronics STLC1510 Datasheet HTML 16Page - STMicroelectronics STLC1510 Datasheet HTML 17Page - STMicroelectronics STLC1510 Datasheet HTML 18Page - STMicroelectronics STLC1510 Datasheet HTML 19Page - STMicroelectronics STLC1510 Datasheet HTML 20Page - STMicroelectronics STLC1510 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17/40
STLC1510
s
A status register, an index register (for the Host
Processor), an interrupt mask register, and a
message buffer are required for both input and
output transactions.
s
The Input Status Register (ISR) is set by the
Host Processor by writing h01 and cleared by
writing h00 to the location. It is cleared by ARM
by writing anything to it.
s
The Output Status Registers (OSR) is set by the
ARM by writing h01 and cleared by writing h00.
It is cleared by the Host Processor by writing
anything to it.
s
The Input and Output Index Registers (IIR &
OIR respectively) are reset to their starting
value by writing h00 to their respective
addresses. They can also be cleared by the
Host Processor by writing anything to them.
s
The Input Interrupt Mask Register (IIM) resets to
h00, causing the Mask to be set (active low).
This means that before the ARM can receive
message ready interrupts from the Host
Processor, this register must be written with
h0001 (by ARM) to unmask the interrupt.
s
The Output Interrupt Mask Register (OIM)
resets to h00, causing the Mask to be set (active
low). This means that before the Host Processor
can receive message ready interrupts from the
ARM, this register must be written with h01 (by
the Host Processor) to unmask the interrupt.
s
The Input and Output Message buffers are each
256 bytes long and 1 byte wide (an overflow in
the index register will not write to the other
message buffer, but will start to overwrite the
current message buffer).
s
Addressing of the Input and Output Message
Buffers by the Host Processor is implemented
indirectly via the Input and Output Index
Registers.
s
An external interrupt signal is generated when
the output status register is set by the ARM7. An
ARM7 interrupt signal is generated when the
input status register is set by the Host
Processor.
Figure 5. HPI Block Diagram
256 Bytes
HPI_CSN
HPI_RW N
H PI_A D D R [2:0]
H PI_D ATA_ IN [7:0]
HP I
S
L
A
V
E
A
P
B
AR M 2H P_ IN T
H P I2AR M_ IN T
C
N
T
R
L
H
P
PS EL _ H PI
PA DDR[1 0:1 ]
PD _W [7 :0]
PW R ITE
O utput Index R e g
Input Sta tus R eg
In pu t Index R eg
Input In t M ask
256 B ytes
Ou tput
Me ssa ge
Buffer
R ead/W rite
Rea d
R ead
R e ad /W rite
O u tput S tatus R e g
O utput Int M ask
HPI_A SN
BR ESn
HP I_DATA_O UT[7 :0 ]
HP I_DATA_O EN
BC L K
PE N AB L E
HPI_CL K
PD _R [1 5 :0]
To /F ro m
ARM
To /F ro m
Input M essage
Bu ffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com