Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics STLC1510 Datasheet HTML 12Page - STMicroelectronics STLC1510 Datasheet HTML 13Page - STMicroelectronics STLC1510 Datasheet HTML 14Page - STMicroelectronics STLC1510 Datasheet HTML 15Page - STMicroelectronics STLC1510 Datasheet HTML 16Page - STMicroelectronics STLC1510 Datasheet HTML 17Page - STMicroelectronics STLC1510 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
STLC1510
14/40
s
Software programmable generation of the flag
TX_CLAV (CeLl AVailable, TX direction) via
registers. This translates to the FIFO having a
software programmable depth.
s
Software programmable generation of the flag
TX_BP (Back Pressure, TX direction) via
registers. This allows the FIFO to throttle
incoming data flow, while still accepting data
that was already en route when the flag was
asserted.
The Utopia Rx FIFO has the following additional at-
tributes:
s
Software programmable generation of the flag
RX_CLAV (CeLl AVailable, RX direction) via
registers. This translates to the FIFO having a
software programmable depth.
5.3 Reed Solomon Forward Error Correction
(RS-FEC)
Forward error correction is provided with byte-wise
Reed Solomon (RS) Encoding and Decoding in a 256
element Galois Field.
5.3.1 Parameters
The following parameter values for
and
are
supported:
s
s
Furthermore
s
is integer,
s
the combination
and
is
allowed, while not required.
s
byte wise coding over
,
s
and hence
.
The Reed-Solomon Code Word length is
, and
its value results from the selection of
and
, and
the number of data bytes
per Data Frame, where-
by
for
downstream,
or
for upstream. The RS Data Word
length is
and the RS Code Word length is
The code word is transmitted over
DMT symbols,
and hence the number of bytes per Data Frame is
The Galois Field primitive element
is defined by
the zero of the primitive polynomial
The Reed-Solomon generator polynomial is
The RS encoder does not introduce latency. RS de-
coding has a latency of at least
, whereby the up-
per bound of the latency is given by the actual
decoder implementation.
The transmitter and receiver provide synchronization
of the RS Code Words.
5.4 Bit Mapper/Demapper Module (MAP)
5.4.1 Features
s
G.992.2 Compliant constellation encoder, up to
15 bits per sub-carrier capability.
s
Support for 1-bit per sub-carrier modulation
(BAM) and idle sub-carriers.
s
Constellation encoder, Q1.15 complex fixed
point output.
s
Bit unpacking and packing from/to 256-byte
data frame.
s
Support for pilot tone insertion.
s
Support for REVERB, SEGUE and MEDLEY
generation.
s
Support for random 4-QAM generation.
s
No trellis coding.
s
Implemented as a peripheral device.
SR
R0 4 8 16
,, ,
=
S
1 2 4816
,, ,,
=
RS
⁄
S1
>
D1
=
G F 256
()
N
FE C
255
≤
N
FE C
SR
B
B2
…48…144
=
B1
…16…60
=
K
FE C
SB
1
+
()
⋅
=
N
FE C
KR
+
=
S
B’
N
FE C
S
---------------
B1
+
R
S
----
+
==
α
px
()
x
8
x
4
x
3
x
2
1
++
+
+
=
Gx
()
x
α
k
+
()
k0
=
R1
–
∑
=
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com