Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 5Page - STMicroelectronics STLC1510 Datasheet HTML 6Page - STMicroelectronics STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics STLC1510 Datasheet HTML 12Page - STMicroelectronics STLC1510 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9/40
STLC1510
GPIO_4
I/O
5V Tol CMOS input / 5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports/
D950_IDLE
N12
GPIO_3
I/O
5V Tol CMOS input / 5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports/
D950_SNAP
P12
GPIO_2
I/O
5V Tol CMOS input /5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports/
D950_INCYCLE
N11
GPIO_1
I/O
5V Tol CMOS input / 5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports/
D950_NERQ
P11
GPIO_0
I/O
5V Tol CMOS input / 5V Tol 3.3V
TTL 2mA slew ltd output
General Purpose I/O Ports/LCLK
N10
Power Supply
VDD3_3_8
P
3.3 volt supply pad
3.3V I/O power supply
D3
VDD3_3_7
P
3.3 volt supply pad
3.3V I/O power supply
C5
VDD3_3_6
P
3.3 volt supply pad
3.3V I/O power supply
C3
VDD3_3_5
P
3.3 volt supply pad
3.3V I/O power supply
C4
VDD3_3_4
P
3.3 volt supply pad
3.3V I/O power supply
L12
VDD3_3_3
P
3.3 volt supply pad
3.3V I/O power supply
M12
VDD3_3_2
P
3.3 volt supply pad
3.3V I/O power supply
K12
VDD3_3_1
P
3.3 volt supply pad
3.3V I/O power supply
M11
VDD2_5_8
P
2.5 volt supply pad
2.5V ASIC core power supply
M3
VDD2_5_7
P
2.5 volt supply pad
2.5V ASIC core power supply
L3
VDD2_5_6
P
2.5 volt supply pad
2.5V ASIC core power supply
K3
VDD2_5_5
P
2.5 volt supply pad
2.5V ASIC core power supply
C10
VDD2_5_4
P
2.5 volt supply pad
2.5V ASIC core power supply
C11
VDD2_5_3
P
2.5 volt supply pad
2.5V ASIC core power supply
C12
VDD2_5_2
P
2.5 volt supply pad
2.5V ASIC core power supply
D12
VDD2_5_1
P
2.5 volt supply pad
2.5V ASIC core power supply
M4
VSS_20
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
C9
VSS_19
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
J3
VSS_18
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
J12
VSS_17
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
H12
Table 2. Pad Description
Signal
I/O
Pad Type
Description
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com