Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 28Page - STMicroelectronics STLC1510 Datasheet HTML 29Page - STMicroelectronics STLC1510 Datasheet HTML 30Page - STMicroelectronics STLC1510 Datasheet HTML 31Page - STMicroelectronics STLC1510 Datasheet HTML 32Page - STMicroelectronics STLC1510 Datasheet HTML 33Page - STMicroelectronics STLC1510 Datasheet HTML 34Page - STMicroelectronics STLC1510 Datasheet HTML 35Page - STMicroelectronics STLC1510 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
STLC1510
32/40
Figure 18. GPIO Interface Timing
7.3 Power-up supply sequencing
There are two power supply voltages that must be
applied to this chip to ensure correct functionality,
(3.3V and 2.5V). The chip itself will function correctly
regardless of the sequence in which the supplies are
applied on power-up.
However if the 3.3V supply is off and there is external
5V activity at the IOs, the internal ESD protection cir-
cuitry will clamp the external signals at 2.8 Volts max-
imum (by sinking as much current as provided by the
interface).
8.0 EXTERNAL INTERFACE TIMING
8.1 NIF (Network Interface) Serial Interface
The NIF serial interface consists of separate clock
and data lines in the RX and TX directions. This inter-
face is illustrated briefly in Figure 19.
Figure 19. The NIF Serial Interface
In the Tx direction, the reception of a data byte from
the network starts with the most significant bit. Bits
are sampled by STLC1510 on the rising edge of Tx-
Clk. In the presence of clock gapping (which is gen-
erated by the STLC1510, as it supplies the clocks in
both directions), a previous bit persists until the next
rising edge of the clock. Figure 21. shows the rela-
tionship between TxClk and UTxData[0].
Table 18. GPIO Interface Timing
Pin Name
Parameter
Min.
Max.
Reference Pin
GPIO[1 :7]
tacc
0
10ns
w.r.t. rising GPIO[0]
GPIO[1 :7]
tse
5ns
w.r.t. rising GPIO[0]
GPIO[1 :7]
tho
2ns
w.r.t. rising GPIO[0]
G P IO [0]
ta c c
G P IO [1:7 ]
tse
th o
GP IO [1 :7 ]
TxCl k
Rx Clk
UTx Data[0]
UR xDa ta [0 ]
Ne two rk
STLC1510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com