Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 27Page - STMicroelectronics STLC1510 Datasheet HTML 28Page - STMicroelectronics STLC1510 Datasheet HTML 29Page - STMicroelectronics STLC1510 Datasheet HTML 30Page - STMicroelectronics STLC1510 Datasheet HTML 31Page - STMicroelectronics STLC1510 Datasheet HTML 32Page - STMicroelectronics STLC1510 Datasheet HTML 33Page - STMicroelectronics STLC1510 Datasheet HTML 34Page - STMicroelectronics STLC1510 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31/40
STLC1510
Host Processor Interface Timing
7.2.2 GPIO Interface Timing
The GPIO[7:0] pins are memory mapped program-
mable pins. These pins can be programmed as input
or output providing visibility to internal chip access
points, as well as an ability to latch external control
signals. A special mode can be configured where the
LAMBA Bus Clock is made available on a configured
output pin GPIO[0]. For timing characterization, this
mode should be used to exercise the GPIO[7:1] pins
as both inputs and outputs. The diagram below refers
to this special mode.
Figure 17. Host Processor Interface Timing (TTL)
Table 17. Host Processor Interface Timing
Pin Name
Parameter
Min.
Max.
Reference Pin
HPI_Addr[2:0]
tse
2.45ns
w.r.t. rising HPI_BS
HPI_Addr[2:0]
tho
0.01ns
w.r.t. rising HPI_BS
HPI_CSN
tse
3.1ns
w.r.t. rising HPI_BS
HPI_CSN
tho
0.01ns
w.r.t. rising HPI_BS
HPI_RWN
tse
0.84ns
w.r.t. rising HPI_BS
HPI_RWN
tho
0.01ns
w.r.t. rising HPI_BS
HPI_Data[7:0]
tse
2.15ns
w.r.t. rising HPI_BS
HPI_Data[7:0]
tho
0.01ns
w.r.t. falling HPI_CSN
HPI_Data[7:0]
tacc
10ns
w.r.t. falling HPI_CSN
HP I _ B S
ts e
th o
HP I_ A d d r [ 2 :0 ]
H P I_ D a ta [7 :0 ]
ta cc
HP I _ R W N , H P I_ C S N
H P I _ D a ta [ 7 :0 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com