Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 19Page - STMicroelectronics STLC1510 Datasheet HTML 20Page - STMicroelectronics STLC1510 Datasheet HTML 21Page - STMicroelectronics STLC1510 Datasheet HTML 22Page - STMicroelectronics STLC1510 Datasheet HTML 23Page - STMicroelectronics STLC1510 Datasheet HTML 24Page - STMicroelectronics STLC1510 Datasheet HTML 25Page - STMicroelectronics STLC1510 Datasheet HTML 26Page - STMicroelectronics STLC1510 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23/40
STLC1510
5.12 Processor Emulation
There are three programmable processors on the
LAVA ASIC: an ARM microprocessor, a D950 Digital
Signal Processor, and a custom DSP engine (BPU).
All these are capable of JTAG based emulation with
the following attributes:
s
Stop on breakpoint.
s
Single step
s
Full register R/W.
s
Program modification and resume.
6.0 ELECTRICAL CHARACTERISTICS
This device shall meet the functional requirements
detailed herein when operated over the specified tim-
ing, electrical, and temperature range.
7.0 OPERATING RANGES
The operating ranges shall be in accordance with the
following table.
7.1 DC Characteristics
The following table identifies the general DC charac-
teristics for input and output pins.
Table 7. Operating Ranges
SYMBOL
PARAMETER
MIN.
NOM.
MAX.
UNITS
VDD3_3
CMOS 3.3v I/O Supply voltage
3.0
3.3
3.6
V
VDD2_5
CMOS 2.5v Core Supply voltage
2.25
2.5
2.75
V
IDD3
CMOS 3.3v I/O Supply current
11
mA
IDDS3
CMOS 3.3v I/O Static supply current
TBD
mA
IDD2
CMOS 2.5v Core Supply current
240
mA
IDDS2
CMOS 2.5v Core Static supply current
TBD
mA
TA
Ambient temperature under bias1
-40
25
85
×C
TJ
Operating junction temperature
-40
25
105
×C
<1>
Assuming no air flow and a package thermal resistance of 30
×C/watt
Table 8. General Interface Electrical Characteristics
SYMBOL
PARAMETER
Conditio ns
Min
Typ
Max
Unit
Vil
Low level i/p voltage
0.8
V
Vih
High level i/p voltage
2.0
V
Vol
Low level o/p voltage1
Iol = 2mA
0.4
V
Voh
High level o/p voltagea
Ioh = 2mA
2.4
V
Iil
Low Level Input Current without pull-up
device2
Vi=0V
1.0
µA
Iih
High Level Input Current without pull-
down deviceb
Vi=VD3_3
Vi=VDD5
2.0
4.0
µA
µA
Ioz
Tri-state Output leakage without pull
up/down deviceb
Vo=0V or
VDD3_3
1.0
µA
Ipu
Pullup current
Vi = 0V
-50
µA
Ipd
Pulldown current
Vi = VDD5
100
µA
Rup
Equivalent pull-up resistance
Vi =0V
50
k
Ω
Rpd
Equivalent pull-down resistance
Vi = VDD2_5
50
k
Ω
<1>
Takes into account 0.075*Vdd voltage drop in both supply lines.
<2>
The leakage currents are generally very small, < 1nA. The value given here, i
µA, is a maximum that can occur after an Electrostatic
Stress on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com