Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 32Page - STMicroelectronics STLC1510 Datasheet HTML 33Page - STMicroelectronics STLC1510 Datasheet HTML 34Page - STMicroelectronics STLC1510 Datasheet HTML 35Page - STMicroelectronics STLC1510 Datasheet HTML 36Page - STMicroelectronics STLC1510 Datasheet HTML 37Page - STMicroelectronics STLC1510 Datasheet HTML 38Page - STMicroelectronics STLC1510 Datasheet HTML 39Page - STMicroelectronics STLC1510 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
STLC1510
36/40
8.3 Host Processor Interface (HPI)
A host processor interface is provided to allow the
STLC1510 to be controlled by an external microcon-
troller. The design has been optimized for the Motor-
ola MPC850. More details are provided in the EPM
section of this document.
Figure 25. HPI Block Diagram
HP I_CS N
HP I_RW N
HP I_A DDR[2:0 ]
H P I_D ATA [7:0]
A RM 2HP _INT
HP I_A S N
HP I_CLK
Exte rn al
Ho st
Pro cess or
HP I
S T LC 151 0
Figure 26. Host Processor Interface Timing Diagram
trw n_dat_hz
tw rd at_va lid
tdat_ h
tda t_su
rw n_ su
asn_ su
csn_ su
a ddr_ su
W R ITE
W R ITE
RE AD
RE AD
0ns
25ns
50ns
75ns
100ns
HPI_ CLK
H PI_Addr [2:0]
HPI_CSN
HPI_ AS N
HP I_R W N
H PI_D ata [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com