Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics STLC1510 Datasheet HTML 12Page - STMicroelectronics STLC1510 Datasheet HTML 13Page - STMicroelectronics STLC1510 Datasheet HTML 14Page - STMicroelectronics STLC1510 Datasheet HTML 15Page - STMicroelectronics STLC1510 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
STLC1510
12/40
Figure 3. NIF Off-Chip Signals
The following tasks are performed by the ATM net-
work (in accordance with ITU-T Recommendation
I.432.1), and therefore do not have to be implement-
ed in the STLC1510 when using the CDIF:
s
HCS generation (Tx).
s
Payload scrambling (Tx).
s
Optionally, enables clear channel mode, in
which HCS generation and payload scrambling
are disabled (Tx).
s
HCS cell delineation (Rx).
s
Payload descrambling (Rx).
s
Idle cell filtering (Rx).
s
Header error detection to recover valid ATM
cells (header correction is not implemented)
(Rx).
s
Optionally, enables clear channel mode, in
which every 53 x 8 = 424 bits are collected by
the receiver and sent to the backplane (Rx).
5.1.4 UTOPIA Level 2 Interface and Controller
The Universal Test and Operations Physical Inter-
face for ATM (UTOPIA) provides a standard that links
ATM layer or various management entities with a va-
riety of physical (PHY) layers.
The UTOPIA IF has the following features:
s
provides clock decoupling mechanism.
s
throttles data flow from the ATM layer.
s
indicates to the ATM layer when the modem is
ready to receive data.
s
signals to the ATM layer the presence of valid
data for transmission.
s
Recognizes the address when the modem is
selected for communication.
s
Supports octet-level and/or cell-level
handshaking.
s
UTOPIA Level 2 supports a multi-PHY
operation for up to n PHY devices where,
s
n=< 8 at ATM layers intended for 155 Mbps;
U2PHY
URxData[7:1]
RxEnb
RxSOC
RxAddr[4:0]
8
5
CDIF
RX
URxData[0]
RX
RxClk
U2PHY
UTxData[7:1]
TxEnb
TxSOC
TxAddr[4:0]
TxClav
8
5
CDIF
TX
UTxData[0]
TX
TxClk
RxParity
TxParity
TxBP
RxClav



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com