Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC1510 Datasheet HTML 1Page - STMicroelectronics STLC1510 Datasheet HTML 2Page - STMicroelectronics STLC1510 Datasheet HTML 3Page - STMicroelectronics STLC1510 Datasheet HTML 4Page - STMicroelectronics STLC1510 Datasheet HTML 5Page - STMicroelectronics STLC1510 Datasheet HTML 6Page - STMicroelectronics STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1/40
STLC1510
November 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
ATM transport
s
Forward Error correction & interleaving
s
Framing & de-framing
s
DMT modulation and demodulation
s
Start-up & showtime control processing
In addition, the STLC1510 provides the following fea-
tures:
s
Serial and Parallel network interface at back-
end to CO equipment
s
Serial interface to the AFE chip STLC1511
s
Access to off chip memory
s
Power-up boot program stored in ROM
s
132 balls 12x12x1.7 mm LBGA package
s
Power Consumption: 0.75 Watt
s
Power Supp.: 2.5 V (core) and 3.3 V (I/O ring)
s
1.0 GENERAL DESCRIPTION
The STLC1510 is a high-speed modem chip that pro-
vides the digital portion of a G.992.2 DSL access at a
Central Office (CO) site. It provides downstream and
upstream data transport between an ATM byte
stream and an analog front-end chip using Discrete
Multi-Tone (DMT) Modulation.
The STLC1510 is compliant with ITU-T G.992.2
(G.Lite), G.996.1 (G.Test), G.994.1 (G.Handshake),
G.997.1 (G.Ploam).
Figure 1. Block Diagram
EPM
D95 0
AR M
TGB
BPU
FEC
Dual
MAC
TAP
REF_CLK
LAMB A Bus
8
MAP
83
2
2
A_SCLK
T xSOUT [1 :0 ]
RxSIN [1 : 0]
CK35M
SPI_ CLK
SPI_ ENB
SPI_ DT X
SPI_ DRX
DFE
HPI
TxClk
TxClav
TxEnb
TxSOC
U TxData[7:0]
T xAddr[4:0 ]
T xParity
RxClk
RxClav
RxEnb
RxSOC
URxData [ 7:0]
RxAddr[ 4: 0]
RxParity
NIF
VDD3_3
VDD2_5
VSS
7
7
14
TxBP
PRODUCT PREVIEW
NorthenLite
™ G.lite DMT Transceiver
LBGA132
ORDERING NUMBER: STLC1510


Similar Part No. - STLC1510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
More results

Similar Description - STLC1510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70135A STMICROELECTRONICS-ST70135A Datasheet
198Kb / 29P
ASCOTTM DMT TRANSCEIVER
Apr-2000
ST70137 STMICROELECTRONICS-ST70137 Datasheet
140Kb / 22P
UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
Sep-2001
ST70235A STMICROELECTRONICS-ST70235A Datasheet
257Kb / 28P
ASCOTTM DMT TRANSCEIVER
Oct-2001
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
STLC1512 STMICROELECTRONICS-STLC1512 Datasheet
329Kb / 26P
NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
Nov-2000
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
TOSCA ADSL DMT TRANSCEIVER
Sep-1999
logo
Samsung semiconductor
S5N8944B SAMSUNG-S5N8944B Datasheet
183Kb / 21P
G.Lite ADSL Transceiver for CO and CPE
logo
STMicroelectronics
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
QUAD ADSL DMT TRANSCEIVER
Feb-2004
logo
Bel Fuse Inc.
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
S560-6600-LK BEL-S560-6600-LK Datasheet
76Kb / 2P
DMT VDSL MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com