Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 18Page - STMicroelectronics STLC1510 Datasheet HTML 19Page - STMicroelectronics STLC1510 Datasheet HTML 20Page - STMicroelectronics STLC1510 Datasheet HTML 21Page - STMicroelectronics STLC1510 Datasheet HTML 22Page - STMicroelectronics STLC1510 Datasheet HTML 23Page - STMicroelectronics STLC1510 Datasheet HTML 24Page - STMicroelectronics STLC1510 Datasheet HTML 25Page - STMicroelectronics STLC1510 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
STLC1510
22/40
5.11.1DFT Interfaces
The STLC1510 incorporates certain features (Design
for Testability, DFT) to improve the coverage of the fi-
nal production test. Certain pins are dedicated to this
features, and should not be used during normal oper-
ation. The Test Interface pins need to be connected
as follows:
5.11.2General Purpose I/O (GPIO) Interface
The STLC1510 has a 8-bit General Purpose I/O port
to allow low speed control and monitoring of external
signals via the LAMBA bus. The block diagram for
this interface is shown in Figure 8.
The GPIO has the following attributes:
s
There are 8 GPIO pins.
s
Each pin can be individually set to one of 4
modes:
• Input mode: Input signals will be sam-
pled with LAMBA bus clock and stored in
GPIO_in register.
• Output mode: The GPIO pin is driven
with the state in the GPIO_out register.
• Interrupt mode: The GPIO_int register
is set when there is a negative transition
detected on its corresponding GPIO pin.
The logic level of each interrupt pin will as
well be stored in the GPIO_in register. An
interrupt condition on any of the GPIO
pins will result in an interrupt to the D950.
• Dedicated mode. The GPIO pin is con-
figured to be its second function accord-
ing to the Table below If the pin does not
have a second function, it will be config-
ured as an input pin.
s
There is no external clock for the GPIO interface
and as such no timing defined.
Signal
BGA
Connected to
TCK
N9
Pull-Up
TMS
N7
Pull-Up
TDI
P8
Pull-Up
TDO
N8
open
TRSTN
P9
See “RESET Structure” on
page 21.
Figure 8. GPIO Interface Block Diagram
Lam ba B u s I nterface (LBI )
La m b a
Bu s
GPIO _in
G PIO _out
GP IO _ int
GP IO [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com