Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 32Page - STMicroelectronics STLC1510 Datasheet HTML 33Page - STMicroelectronics STLC1510 Datasheet HTML 34Page - STMicroelectronics STLC1510 Datasheet HTML 35Page - STMicroelectronics STLC1510 Datasheet HTML 36Page - STMicroelectronics STLC1510 Datasheet HTML 37Page - STMicroelectronics STLC1510 Datasheet HTML 38Page - STMicroelectronics STLC1510 Datasheet HTML 39Page - STMicroelectronics STLC1510 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
37/40
STLC1510
8.4 AFE Interface
The interface to the companion Analog Front-end de-
vice (STLC1511) operates at a rate of 35.328MHz. It
consists of two types:
s
A serial signal interface for transferring DAC
and ADC samples to and from the Aloha ASIC
ASIC.
s
A serial control interface for Aloha ASIC.
The serial signal interface to the Aloha ASIC provides
for transport of transmit and receive data between
the LAVA ASIC and Aloha ASIC. This is accom-
plished with a two bit wide data stream in each direc-
tion plus the appropriate clocks. Refer to Figure 27.
for the timing diagram of this interface.
The serial signal interface consists of six pins:
s
A 35.328MHz continuous clock output
(CK35M);
s
A dual serial pin input pin for ADC samples
(RxSIN);
• It can carry up to 16 bits. The exact
number of bits carried is programmable
between 12 and 16. Refer to the AFE
interface definition for details.
s
A dual serial pin output pin for DAC samples
(TxSOUT);
s
It can carry up to 16 bits. The exact number of
bits carried is programmable between 14 and
16. Refer to the AFE interface definition for
details
s
An ADC and DAC sample clock input
(A_SCLK).
s
For TX and RX interface, data is sent on positive
edge of clock and sampled by the receiver on
the negative edge of the clock.
The serial control I/F consists of 4 pins:
s
SPI_CLK: a gated 35.328MHz clock.
It is only
present during digital I/F read/write cycles and is
inactive otherwise.
s
SPI_ENB: an active low enable pin which allows
selection between different AFEs if required.
s
SPI_DTX: an output data pin which is used to
send control information to the AFE ASIC.
s
SPI_DRX: an input data pin which is used
receive control information from the AFE ASIC.
It is enabled only when
R/W is low.
The format for the serial interface is given below:
s
R/W - determines the access mode for the
register
address[b1:b0].
s
ADDR[b2:b0] - identifies the control register
accessed. These registers will correspond to
the mapping in the LAVA ASIC.
s
WR_DATA[b7:b0] - the control data written to
the AFE ASIC.
Figure 27. AFE ADC/DAC Sample Serial Interface Timing Diagram
C K 35M
Tx S O U T [ 0 ]
Tx S O U T [ 1 ]
a7
a1 5
a6
a1 4
a5
a1 3
a4
a1 2
a3
a11
a2
a1 0
a1
a9
a0
a8
A _SC LK
b7
b1 5
b6
b1 4
b5
b1 3
b4
b1 2
b3
b11
b2
b10
b1
b9
RxS IN [ 0 ]
R x SIN [ 1]
b0
b8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com