Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 17Page - STMicroelectronics STLC1510 Datasheet HTML 18Page - STMicroelectronics STLC1510 Datasheet HTML 19Page - STMicroelectronics STLC1510 Datasheet HTML 20Page - STMicroelectronics STLC1510 Datasheet HTML 21Page - STMicroelectronics STLC1510 Datasheet HTML 22Page - STMicroelectronics STLC1510 Datasheet HTML 23Page - STMicroelectronics STLC1510 Datasheet HTML 24Page - STMicroelectronics STLC1510 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21/40
STLC1510
5.10 Timing Generation Block (TGB)
The timing and reset generation block generates the
device’s global clock and synchronization
signals.
It uses the input clock signal (35.328 or 17.664 MHz)
to derive the main internal clock signals, as well as all
synchronization pulses required to coordinate timing
between the sub-blocks. It also synchronizes the ex-
ternal RESETN with the internal ASIC clock.
The PLL input source, and PLL bypass signals are de-
coded from the PMode[1:0] pins. The CMode[1:0] pins
are configured to always provide an 8.8 MHz input to the
PLL when the PLL is not in bypass mode. Thus a divide
by 2 or 4 will be selected to divide down the 17 or 35
MHz input clock references to 8.8 MHz. When the PLL
is to be bypassed, it is powered down, and the input ref-
erence is used to bypass the PLL output.
The CK35M signals are generated by dividing down
the internal ASIC clock. A 3 bit memory mapped reg-
ister is used to adjust the reset phase of the divide by
6 generator. This gives software control of the phase
of the CK35M signal which interfaces to the AFE de-
vice. There is also a programmable ”one shot” mode
which is used to reset the phase of the CK35M in the
event the interface cannot synchronously meet the
timing requirements.
The NIFTX_CLK and NIFRX_CLK are generated
when the NIF is in clock and data mode, i.e. not uto-
pia mode.
5.10.1RESET Structure
The RESET structure for the STLC1510 has the fol-
lowing requirements/attributes:
s
Requires off-chip power supervisor to supply
10ms power-on reset (may also require push
button reset for test) and 5ms TRSTN (TAP
reset).
s
Reset initialization will begin when RESETN is
de-asserted by the off-chip power supervisor.
After 2 rising edges of 4.4MHz clock,
ASIC_RESETn is de-asserted and the
STLC1510 (minus the BPU and D950 cores) will
come out of reset. The ARM7 will follow its boot
procedure which at some point, will download
program code to the BPU and D950 cores then
release them individually from reset.
5.11 Test Access Port Functional Description
The IEEE 1149.1 compliant Test Access Port (TAP)
serves three purposes:
s
TAP interface for both ASIC and board level
testing
s
RAMBIST interface for testing the embedded
memories during ASIC level test.
s
General Purpose I/O port for general and
miscellaneous control and monitoring.
In addition to these functions, there are two sets of
mode pins, PMODE[1:0], and CMODE[1:0] which
are used to put the STLC1510 into various modes.
The definition of these modes are given below, where
the shaded rows indicate special modes not to be
used in normal operations.
Table 5. Power Mode Pin Definition
PMODE[1:0]
Mode State
Description
00
Power Down Mode 0
Nothing is powered down.
01
Power Down Mode 1
ARM7 is powered down.
10
Power Down Mode 2
D950 is powered down.
11
Power Down Mode 3
BPU processor is powered down
Table 6. Clock Mode Pin Definition
CMODE[1:0]
Mode State
Description
00
Div2
Master clock is REFCLK divided by 2 and then multiplied by 24. The
input REFCLK should be 17.664 MHz
01
Normal
Master clock is REFCLK divided by 4 and then multiplied by 24. The
input REFCLK should be 35.328 MHz
1X
Bypass
Master clock is REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com