Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC1510 Datasheet HTML 1Page - STMicroelectronics STLC1510 Datasheet HTML 2Page - STMicroelectronics STLC1510 Datasheet HTML 3Page - STMicroelectronics STLC1510 Datasheet HTML 4Page - STMicroelectronics STLC1510 Datasheet HTML 5Page - STMicroelectronics STLC1510 Datasheet HTML 6Page - STMicroelectronics STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3/40
STLC1510
Table 1. ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNITS
VDD3_3
3.3V Supply voltage w.r.t. VSS (0V)
-0.5
4
V
VDD2_5
2.5V Supply voltage w.r.t. VSS (0V)
-0.5
3.3
V
Tamb
Ambient temperature
-40
85
°C
VIN,VOUT
Voltage at any 3.3V standard input or output
-0.5
VDD3_3 + 0.5
V
VIN5,VOUT5
Voltage at any 5V compatible input or output1
-0.8
6.3
V
IIN,IOUT
Current at any input or outputs
-20
20
mA
PD
Power dissipation
0
0.75
W
Vesd
Electrostatic Protection
2000
V
I latchup
I/O Latch-up Current
V < 0V, V > Vdd
200
mA
<1>
-0.8V undershoots and 6.3V overshoots do not last longer than 4nS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com