Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1510 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC1510
Description  NorthenLite G.lite DMT Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1510 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC1510 Datasheet HTML 6Page - STMicroelectronics STLC1510 Datasheet HTML 7Page - STMicroelectronics STLC1510 Datasheet HTML 8Page - STMicroelectronics STLC1510 Datasheet HTML 9Page - STMicroelectronics STLC1510 Datasheet HTML 10Page - STMicroelectronics STLC1510 Datasheet HTML 11Page - STMicroelectronics STLC1510 Datasheet HTML 12Page - STMicroelectronics STLC1510 Datasheet HTML 13Page - STMicroelectronics STLC1510 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
STLC1510
10/40
VSS_16
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
M6
VSS_15
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
M5
VSS_14
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
H3
VSS_13
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
M7
VSS_12
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
G3
VSS_11
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
F3
VSS_10
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
E3
VSS_9
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
M9
VSS_8
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
C6
VSS_7
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
C7
VSS_6
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
C8
VSS_5
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
M10
VSS_4
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
E12
VSS_3
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
F12
VSS_2
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
M8
VSS_1
P
common ground supply pad
Ground return for VDD3_3 and
VDD2_5
G12
VDD_PLL
P
2.5 volt supply pad
2.5V supply for PLL
G14
VSS_PLL
P
ground pad
Ground return for PLL
F13
Guard_PLL
P
ground pad
Ground Voltage reference for PLL
G13
<1>
212 MHz in PLL bypass mode
<2>
This pad is configured as a pseudo open drain connection and can only pull the output low, or go high impedance
<3>
Add pullup to this pin on board. This pad is configured as a pseudo open drain connection and can only pull the output low, or go high
impedance
Table 2. Pad Description
Signal
I/O
Pad Type
Description
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com