Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 42Page - Cirrus Logic CS42432 Datasheet HTML 43Page - Cirrus Logic CS42432 Datasheet HTML 44Page - Cirrus Logic CS42432 Datasheet HTML 45Page - Cirrus Logic CS42432 Datasheet HTML 46Page - Cirrus Logic CS42432 Datasheet HTML 47Page - Cirrus Logic CS42432 Datasheet HTML 48Page - Cirrus Logic CS42432 Datasheet HTML 49Page - Cirrus Logic CS42432 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
46
DS673PP2
7.10
DAC CHANNEL INVERT (ADDRESS 10H)
7.10.1 INVERT SIGNAL POLARITY (INV_AOUTX)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, these bits will invert the signal polarity of their respective channels.
7.11
AINX VOLUME CONTROL (ADDRESS 11H-14H)
7.11.1 AINX VOLUME CONTROL (AINX_VOL[7:0])
Default = 00h
Function:
The level of AIN1 - AIN6 can be adjusted in 0.5 dB increments as dictated by the ADC Soft and Zero
Cross bits (ADC_SZC[1:0]) from +24 to -64 dB. Levels are decoded in two’s complement, as shown
in Table 7.
Binary Code
Volume Setting
00000000
0 dB
00101000
-20 dB
01010000
-40 dB
01111000
-60 dB
10110100
-90 dB
Table 6. Example AOUT Volume Settings
7
654
32
10
Reserved
Reserved
INV_AOUT6
INV_AOUT5
INV_AOUT4
INV_AOUT3
INV_AOUT2
INV_AOUT1
7
654
32
10
AINx_VOL7
AINx_VOL6
AINx_VOL5
AINx_VOL4
AINx_VOL3
AINx_VOL2
AINx_VOL1
AINx_VOL0
Binary Code
Volume Setting
0111 1111
+24 dB
···
···
0011 0000
+24 dB
···
···
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1 dB
···
···
1000 0000
-64 dB
Table 7. Example AIN Volume Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com