Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 3Page - Cirrus Logic CS42432 Datasheet HTML 4Page - Cirrus Logic CS42432 Datasheet HTML 5Page - Cirrus Logic CS42432 Datasheet HTML 6Page - Cirrus Logic CS42432 Datasheet HTML 7Page - Cirrus Logic CS42432 Datasheet HTML 8Page - Cirrus Logic CS42432 Datasheet HTML 9Page - Cirrus Logic CS42432 Datasheet HTML 10Page - Cirrus Logic CS42432 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
DS673PP2
7
1.1
Digital I/O Pin Characteristics
Various pins on the CS42432 are powered from separate power supply rails. The logic level for each input
should adhere to the corresponding power rail and should not exceed the maximum ratings.
AUX_SCLK
16
Auxiliary Serial Clock (Output) - Serial clock for the Auxiliary serial audio interface.
AUX_SDIN
17
Auxiliary Serial Input (Input) - The CS42432 provides an additional serial input for two’s comple-
ment serial audio data.
AOUT1 +,-
AOUT2 +,-
AOUT3 +,-
AOUT4 +,-
AOUT5 +,-
AOUT6 +,-
20,19
21,22
24,23
25,26
28,27
29,30
Differential Analog Output (Output) - The full-scale differential analog output level is specified in
the Analog Characteristics specification table. Each positive leg of the differential outputs may also
be used single-ended.
N.C.
31,32
33,34
49,50
51,52
Not Connected - Do not connect.
AGND
35,48 Analog Ground (Input) -
VQ
36
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
VA
37,46 Analog Power (Input) - Positive power supply for the analog section.
AIN1 +,-
AIN2 +,-
AIN3 +,-
AIN4 +,-
39,38
41,40
43,42
45,44
Differential Analog Input (Input) - Signals are presented differentially to the delta-sigma modula-
tors. The full-scale input level is specified in the Analog Characteristics specification table.
FILT+
47
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling cir-
cuits.
Power
Rail
Pin Name
SW/(HW)
I/O
Driver
Receiver
VLC
RST
Input
-
1.8 V - 5.0 V, CMOS
SCL/CCLK
(TEST)
Input
-
1.8 V - 5.0 V, CMOS, with Hysteresis
SDA/CDOUT
(TEST)
Input/
Output
1.8 V - 5.0 V, CMOS/Open Drain
1.8 V - 5.0 V, CMOS, with Hysteresis
AD0/CS
(MFREQ)
Input
-
1.8 V - 5.0 V, CMOS
AD1/CDIN
(TEST)
Input
-
1.8 V - 5.0 V, CMOS
VLS
MCLK
Input
-
1.8 V - 5.0 V, CMOS
LRCK
Input
-
1.8 V - 5.0 V, CMOS
SCLK
Input
-
1.8 V - 5.0 V, CMOS
ADC_SDOUT
(ADC3_SINGLE)
Input/
Output
1.8 V - 5.0 V, CMOS
-
DAC_SDIN
Input
-
1.8 V - 5.0 V, CMOS
AUX_LRCK
Output
1.8 V - 5.0 V, CMOS
-
AUX_SCLK
Output
1.8 V - 5.0 V, CMOS
-
AUX_SDIN
Input
-
1.8 V - 5.0 V, CMOS
Table 1. I/O Power Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com