Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 31Page - Cirrus Logic CS42432 Datasheet HTML 32Page - Cirrus Logic CS42432 Datasheet HTML 33Page - Cirrus Logic CS42432 Datasheet HTML 34Page - Cirrus Logic CS42432 Datasheet HTML 35Page - Cirrus Logic CS42432 Datasheet HTML 36Page - Cirrus Logic CS42432 Datasheet HTML 37Page - Cirrus Logic CS42432 Datasheet HTML 38Page - Cirrus Logic CS42432 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
DS673PP2
35
dressed register (CDOUT will leave the high impedance state). If the MAP auto increment bit is
set to 1, the data for successive registers will appear consecutively.
5.7.2 I2C Mode
In I²C mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock,
SCL. There is no CS pin. Pins AD0 and AD1 form the two least significant bits of the chip ad-
dress and should be connected through a resistor to VLC or DGND as desired. The state of the
pins is sensed while the CS42432 is being reset.
The signal timings for a read and write cycle are shown in Figure 17 and Figure 18. A Start con-
dition is defined as a falling transition of SDA while the clock is high. A Stop condition is a rising
transition while the clock is high. All other transitions of SDA occur while the clock is low. The
first byte sent to the CS42432 after a Start condition consists of a 7 bit chip address field and a
R/W bit (high for a read, low for a write). The upper 5 bits of the 7-bit address field are fixed at
10010. To communicate with a CS42432, the chip address field, which is the first byte sent to
the CS42432, should match 10010 followed by the settings of the AD1 and AD0. The eighth bit
of the address is the R/W bit. If the operation is a write, the next byte is the Memory Address
Pointer (MAP) which selects the register to be read or written. If the operation is a read, the con-
tents of the register pointed to by the MAP will be output. Setting the auto increment bit in MAP
allows successive reads or writes of consecutive registers. Each byte is separated by an ac-
knowledge bit. The ACK bit is output from the CS42432 after each input byte is read, and is input
to the CS42432 from the microcontroller after each transmitted byte.
Since the read operation can not set the MAP, an aborted write operation is used as a preamble.
As shown in Figure 18, the write operation is aborted after the acknowledge for the MAP byte
by sending a stop condition. The following pseudocode illustrates an aborted write operation fol-
lowed by a read operation.
Send start condition.
Send 10010xx0 (chip address & write operation).
Receive acknowledge bit.
4
5
6
7
24 25
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
0 AD1 AD0 0
SDA
INCR
6
5
4
3
2
1
0
7
6
1
0
7
6
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17 18
19
10 11
13 14 15
27 28
26
DATA +n
Figure 17. Control Port Timing, I²C Write
SCL
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
DATA +1
START
ACK
STOP
ACK
ACK
ACK
1
0
0
1
0 AD1 AD0 0
SDA
1
0
0
1
0 AD1 AD0 1
CHIP ADDRESS (READ)
START
INCR
6
5
4
3
2
1
0
7
0
7
0
7
0
NO
16
8
9
12 13 14 15
4
5
6
7
0
1
20 21 22 23 24
26 27 28
2
3
10 11
17 18
19
25
ACK
DATA + n
STOP
Figure 18. Control Port Timing, I²C Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com