Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 39Page - Cirrus Logic CS42432 Datasheet HTML 40Page - Cirrus Logic CS42432 Datasheet HTML 41Page - Cirrus Logic CS42432 Datasheet HTML 42Page - Cirrus Logic CS42432 Datasheet HTML 43Page - Cirrus Logic CS42432 Datasheet HTML 44Page - Cirrus Logic CS42432 Datasheet HTML 45Page - Cirrus Logic CS42432 Datasheet HTML 46Page - Cirrus Logic CS42432 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
DS673PP2
43
7.6
ADC CONTROL & DAC DE-EMPHASIS (ADDRESS 05H)
7.6.1
ADC1-2 HIGH PASS FILTER FREEZE (ADC1-2_HPF FREEZE)
Default = 0
Function:
When this bit is set, the internal high-pass filter will be disabled for ADC1 and ADC2.The current DC
offset value will be frozen and continue to be subtracted from the conversion result. See “ADC Digital
Filter Characteristics” on page 15.
7.6.2
DAC DE-EMPHASIS CONTROL (DAC_DEM)
Default = 0
0 - No De-Emphasis
1 - De-Emphasis Enabled (Auto-Detect Fs)
Function:
Enables the digital filter to maintain the standard 15
µs/50µs digital de-emphasis filter response at the
auto-detected sample rate of either 32, 44.1, or 48 kHz. De-emphasis will not be enabled, regardless
of this register setting, at any other sample rate.
7.6.3
ADC1 SINGLE-ENDED MODE (ADC1 SINGLE)
Default = 0
0 - Disabled; Differential input to ADC1
1 - Enabled; Single-Ended input to ADC1
Function:
When enabled, this bit allows the user to apply a single-ended input to the positive terminal of ADC1.
+6 dB digital gain is automatically applied to the serial audio data of ADC1. The negative leg must be
driven to the common mode of the ADC. See Figure 20 on page 49 for a graphical description.
7.6.4
ADC2 SINGLE-ENDED MODE (ADC2 SINGLE)
Default = 0
0 - Disabled; Differential input to ADC2
1 - Enabled; Single-Ended input to ADC2
Function:
When enabled, this bit allows the user to apply a single-ended input to the positive terminal of ADC2.
+6 dB digital gain is automatically applied to the serial audio data of ADC2. The negative leg must be
driven to the common mode of the ADC. See Figure 20 on page 49 for a graphical description.
7
654
32
10
ADC1-2_HPF
FREEZE
Reserved
DAC_DEM
ADC1
SINGLE
ADC2
SINGLE
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com