Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 29Page - Cirrus Logic CS42432 Datasheet HTML 30Page - Cirrus Logic CS42432 Datasheet HTML 31Page - Cirrus Logic CS42432 Datasheet HTML 32Page - Cirrus Logic CS42432 Datasheet HTML 33Page - Cirrus Logic CS42432 Datasheet HTML 34Page - Cirrus Logic CS42432 Datasheet HTML 35Page - Cirrus Logic CS42432 Datasheet HTML 36Page - Cirrus Logic CS42432 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
DS673PP2
33
5.6
AUX Port Digital Interface Formats
These serial data lines are used when supporting the TDM Mode of operation with an external ADC or
S/PDIF receiver attached. The AUX serial port operates only as a clock master. The AUX_SCLK will op-
erate at 64xFs, where Fs is equal to the ADC sample rate (FS on the TDM interface). If the AUX_SDIN
signal is not being used, it should be tied to AGND via a pull-down resistor.
Hardware Mode
The AUX port will only operate in the Left Justified digital interface format and supports bit depths ranging
from 16 to 24 bits (see figure 15 on page 33 for timing relationship between AUX_LRCK and AUX_SCLK).
Software Mode
The AUX port will operate in either the Left Justified or I²S digital interface format with bit depths ranging
from 16 to 24 bits. Settings for the AUX port are made through the register “Miscellaneous Control (ad-
dress 04h)” on page 42.
5.6.1 I²S
5.6.2 Left Justified
AUX_LRCK
AUX_SCLK
MS B
LS B
MS B
LS B
AUX1
Left C h an ne l
R ig h t C h an n e l
AUX_SDIN
AUX2
MSB
Figure 14. AUX I²S Format
AUX_LRCK
AUX_SCLK
MS B
LS B
MS B
LS B
AUX1
L e ft C hanne l
R ig h t C han ne l
AUX_SDIN
AUX2
MSB
Figure 15. AUX Left Justified Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com