Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 11Page - Cirrus Logic CS42432 Datasheet HTML 12Page - Cirrus Logic CS42432 Datasheet HTML 13Page - Cirrus Logic CS42432 Datasheet HTML 14Page - Cirrus Logic CS42432 Datasheet HTML 15Page - Cirrus Logic CS42432 Datasheet HTML 16Page - Cirrus Logic CS42432 Datasheet HTML 17Page - Cirrus Logic CS42432 Datasheet HTML 18Page - Cirrus Logic CS42432 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
DS673PP2
15
ADC DIGITAL FILTER CHARACTERISTICS
Notes: 8. Filter response is guaranteed by design.
9. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 25 to 32) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
Parameter (Note 8, 9)
Min
Typ
Max
Unit
Single Speed Mode (Note 9)
Passband (Frequency Response)
to -0.1 dB corner
0
-
0.4896
Fs
Passband Ripple
-
-
0.08
dB
Stopband
0.5688
-
-
Fs
Stopband Attenuation
70
-
-
dB
Total Group Delay
-
12/Fs
-
s
Double Speed Mode (Note 9)
Passband (Frequency Response)
to -0.1 dB corner
0
-
0.4896
Fs
Passband Ripple
-
-
0.16
dB
Stopband
0.5604
-
-
Fs
Stopband Attenuation
69
-
-
dB
Total Group Delay
-
9/Fs
-
s
High Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
-
10
-
Deg
Passband Ripple
-
-
0
dB
Filter Settling Time
-
105/Fs
0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com