Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 41Page - Cirrus Logic CS42432 Datasheet HTML 42Page - Cirrus Logic CS42432 Datasheet HTML 43Page - Cirrus Logic CS42432 Datasheet HTML 44Page - Cirrus Logic CS42432 Datasheet HTML 45Page - Cirrus Logic CS42432 Datasheet HTML 46Page - Cirrus Logic CS42432 Datasheet HTML 47Page - Cirrus Logic CS42432 Datasheet HTML 48Page - Cirrus Logic CS42432 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
DS673PP2
45
The Digital-to-Analog converters of the CS42432 will mute the output following the reception of 8192
consecutive audio samples of static 0 or -1. A single sample of non-static data will release the mute.
Detection and muting is done independently for each channel. The quiescent voltage on the output
will be retained during the mute period. The muting function is affected, similar to volume control
changes, by the Soft and Zero Cross bits (SZC[1:0]).
7.7.4
MUTE ADC SERIAL PORT (MUTE ADC_SP)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, the ADC Serial Port will be muted.
7.8
DAC CHANNEL MUTE (ADDRESS 07H)
7.8.1
INDEPENDENT CHANNEL MUTE (AOUTX_MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
The respective Digital-to-Analog converter outputs of the CS42432 will mute when enabled. The qui-
escent voltage on the outputs will be retained. The muting function is affected by the DAC Soft and
Zero Cross bits (DAC_SZC[1:0]).
7.9
AOUTX VOLUME CONTROL (ADDRESSES 08H-0D)
7.9.1
VOLUME CONTROL (AOUTX_VOL[7:0])
Default = 00h
Function:
The AOUTx Volume Control registers allow independent setting of the signal levels in 0.5 dB incre-
ments from 0 dB to -127.5 dB. Volume settings are decoded as shown in Table 6. The volume chang-
es are implemented as dictated by the Soft and Zero Cross bits (DAC_SZC[1:0]). All volume settings
less than -127.5 dB are equivalent to enabling the AOUTx_MUTE bit for the given channel.
7
654
32
10
Reserved
Reserved
AOUT6_MUTE
AOUT5_MUTE
AOUT4_MUTE
AOUT3_MUTE
AOUT2_MUTE
AOUT1_MUTE
7
654
32
10
AOUTx_VOL7
AOUTx_VOL6
AOUTx_VOL5
AOUTx_VOL4
AOUTx_VOL3
AOUTx_VOL2
AOUTx_VOL1
AOUTx_VOL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com