Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42432 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 9Page - Cirrus Logic CS42432 Datasheet HTML 10Page - Cirrus Logic CS42432 Datasheet HTML 11Page - Cirrus Logic CS42432 Datasheet HTML 12Page - Cirrus Logic CS42432 Datasheet HTML 13Page - Cirrus Logic CS42432 Datasheet HTML 14Page - Cirrus Logic CS42432 Datasheet HTML 15Page - Cirrus Logic CS42432 Datasheet HTML 16Page - Cirrus Logic CS42432 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
DS673PP2
13
ANALOG INPUT CHARACTERISTICS (CS42432-CMZ)
(Test Conditions (unless otherwise specified): VLS = VLC = VD = 3.3 V, VA = 5 V; Full scale input sine wave: 1 kHz
through the active input filter on page 49; Measurement Bandwidth is 10 Hz to 20 kHz unless otherwise specified.)
Differential
Single-Ended
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Single Speed Mode
Fs=48 kHz
Dynamic Range
A-weighted
unweighted
99
96
105
102
-
-
96
93
102
99
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dB
(Note 5)
-20 dB
-60 dB
-
-
-
-98
-82
-42
-92
-
-
-
-
-
-95
-79
-39
-89
-
-
dB
dB
dB
Double Speed Mode
Fs=96 kHz
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
99
96
-
105
102
99
-
-
-
96
93
102
99
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
-1 dB
(Note 5)
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
-
-
-
-
-98
-82
-42
-90
-92
-
-
-
-
-
-
-
-95
-79
-39
-90
-89
-
-
-
dB
dB
dB
dB
All Speed Modes
ADC1-2 Interchannel Isolation
-
90
-
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
Analog Input
Full-scale Input Voltage
1.06*VA 1.12*VA 1.18*VA 0.53*VA 0.56*VA 0.59*VA
Vpp
Differential Input Impedance (Note 6)
18
-
-
-
-
-
k
Single-Ended Input Impedance (Note 7)
--
-
18
-
-
k
Common Mode Rejection Ratio (CMRR)
-
82
-
-
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com